Electronic Components Datasheet Search
  English  ▼

X  

FUSB302B Datasheet(PDF) 29 Page - ON Semiconductor

Part # FUSB302B
Description  Programmable USB Type?륝 Controller w/PD
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB302B Datasheet(HTML) 29 Page - ON Semiconductor

Back Button FUSB302B Datasheet HTML 24Page - ON Semiconductor FUSB302B Datasheet HTML 25Page - ON Semiconductor FUSB302B Datasheet HTML 26Page - ON Semiconductor FUSB302B Datasheet HTML 27Page - ON Semiconductor FUSB302B Datasheet HTML 28Page - ON Semiconductor FUSB302B Datasheet HTML 29Page - ON Semiconductor FUSB302B Datasheet HTML 30Page - ON Semiconductor FUSB302B Datasheet HTML 31Page - ON Semiconductor FUSB302B Datasheet HTML 32Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
FUSB302B
www.onsemi.com
29
Table 41. TOKENS USED IN FIFO
Code
Name
Size (Bytes)
Description
101x−xxx1
(0xA1)
TXON
1
Alternative method for starting the transmitter with the TX−START bit. This is not
a token written to the TxFIFO but a command much like TX_START but it is
more convenient to write it while writing to the TxFIFO in one contiguous write
operation. It is preferred that the TxFIFO is first written with data and then TXON
or TX_START is executed. It is expected that A1h will be written for TXON not
any other bits where x is non-zero such as B1h, BFh, etc
0x12
SOP1
1
When reaching the end of the FIFO causes a Sync−1 symbol to be transmitted
0x13
SOP2
1
When reaching the end of the FIFO causes a Sync−2 symbol to be transmitted
0x1B
SOP3
1
When reaching the end of the FIFO causes a Sync−3 symbol to be transmitted
0x15
RESET1
1
When reaching the end of the FIFO causes a RST−1 symbol to be transmitted
0x16
RESET2
1
When reaching the end of the FIFO causes a RST−2 symbol to be transmitted
0x80
PACKSYM
1+N
This data token must be immediately followed by a sequence of N packed data
bytes. This token is defined by the 3 MSB’s being set to 3’b100. The 5 LSB’s are
the number of packed bytes being sent.
Note: N cannot be less than 2 since the minimum control packet has a header
that is 2 bytes and N cannot be greater than 30 since the maximum data packet
has 30 bytes (2 byte header + 7 data objects each having 4 bytes)
Packed data bytes have two 4 bit data fields. The 4 LSB’s are sent first, after
4b5b conversion etc in the chip
0xFF
JAM_CRC
1
Causes the CRC, calculated by the hardware, to be inserted into the transmit
stream when this token reaches the end of the TX FIFO
0x14
EOP
1
Causes an EOP symbol to be sent when this token reaches the end of the TX
FIFO
0xFE
TXOFF
1
Turn off the transmit driver. Typically the next symbol after EOP
RECEIVE DATA TOKENS
Receive data tokens provide in-sequence receive control
and data for the receive logic. The RxFIFO can absorb as
many packets as the number of bytes in the RxFIFO
(80 bytes). The tokens are defined as follows:
Table 42. TOKENS USED IN RxFIFO
Code
Name
Size (Bytes)
Description
111b_bbbb
SOP
1
First byte of a received packet to indicate that the packet is an SOP packet
(“b” is undefined and can be any bit)
110b_bbbb
SOP1
1
First byte of a received packet to indicate that the packet is an SOP’ packet
and occurs only if ENSOP1=1 (“b” is undefined and can be any bit)
101b_bbbb
SOP2
1
First byte of a received packet to indicate that the packet is an SOP” packet
and occurs only if ENSOP2=1 (“b” is undefined and can be any bit)
100b_bbbb
SOP1DB
1
First byte of a received packet to indicate that the packet is an SOP’_DEBUG
packet and occurs only if ENSOP1DB=1 (“b” is undefined and can be any bit)
011b_bbbb
SOP2DB
1
First byte of a received packet to indicate that the packet is an SOP”_DEBUG
packet and occurs only if ENSOP2DB=1 (“b” is undefined and can be any bit)
010b_bbbb/
001b_bbbb/
000b_bbbb
Do Not Use
1
These can be used in future versions of this device and should not be relied
on to be any special value. (“b” is undefined and can be any bit)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com