Electronic Components Datasheet Search
  English  ▼

X  

FUSB302B Datasheet(PDF) 24 Page - ON Semiconductor

Part # FUSB302B
Description  Programmable USB Type?륝 Controller w/PD
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB302B Datasheet(HTML) 24 Page - ON Semiconductor

Back Button FUSB302B Datasheet HTML 20Page - ON Semiconductor FUSB302B Datasheet HTML 21Page - ON Semiconductor FUSB302B Datasheet HTML 22Page - ON Semiconductor FUSB302B Datasheet HTML 23Page - ON Semiconductor FUSB302B Datasheet HTML 24Page - ON Semiconductor FUSB302B Datasheet HTML 25Page - ON Semiconductor FUSB302B Datasheet HTML 26Page - ON Semiconductor FUSB302B Datasheet HTML 27Page - ON Semiconductor FUSB302B Datasheet HTML 28Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
FUSB302B
www.onsemi.com
24
Table 28. RESET
(Address: 0Ch; Reset Value: 0x0000_0000; Type: Write/Clear)
Bit #
Name
R/W/C
Size (Bits)
Description
7:2
Reserved
N/A
6
Do Not Use
1
PD_RESET
W/C
1
1:
Reset just the PD logic for both the PD transmitter and
receiver
0
SW_RES
W/C
1
1:
Reset the FUSB302B including the I2C registers to their
default values
Table 29. OCPREG
(Address: 0Dh; Reset Value: 0x0000_1111; Type: Read/Write)
Bit #
Name
R/W/C
Size (Bits)
Description
7:4
Reserved
N/A
4
Do Not Use
3
OCP_RANGE
R/W
1
1:
OCP range between 100−800 mA (max_range = 800 mA)
0:
OCP range between 10−80 mA (max_range = 80 mA)
2:0
OCP_CUR2,
OCP_CUR1,
OCP_CUR0
R/W
3
111: max_range (see bit definition above for OCP_RANGE)
110: 7
× max_range / 8
101: 6
× max_range / 8
100: 5
× max_range / 8
011: 4
× max_range / 8
010: 3
× max_range / 8
001: 2
× max_range / 8
000: max_range / 8
Table 30. MASKA
(Address: 0Eh; Reset Value: 0x0000_0000; Type: Read/Write)
Bit #
Name
R/W/C
Size (Bits)
Description
7
M_OCP_TEMP
R/W
1
1:
Mask the I_OCP_TEMP interrupt
6
M_TOGDONE
R/W
1
1:
Mask the I_TOGDONE interrupt
5
M_SOFTFAIL
R/W
1
1:
Mask the I_SOFTFAIL interrupt
4
M_RETRYFAIL
R/W
1
1:
Mask the I_RETRYFAIL interrupt
3
M_HARDSENT
R/W
1
1:
Mask the I_HARDSENT interrupt
2
M_TXSENT
R/W
1
1:
Mask the I_TXSENT interrupt
1
M_SOFTRST
R/W
1
1:
Mask the I_SOFTRST interrupt
0
M_HARDRST
R/W
1
1:
Mask the I_HARDRST interrupt
Table 31. MASKB
(Address: 0Fh; Reset Value: 0x0000_0000; Type: Read/Write)
Bit #
Name
R/W/C
Size (Bits)
Description
7:1
Reserved
N/A
6
Do Not Use
0
M_GCRCSENT
R/W
1
1:
Mask the I_GCRCSENT interrupt
Table 32. CONTROL4
(Address: 00h; Reset Value: 0x0000_0000; Type: Read/Write)
Bit #
Name
R/W/C
Size (Bits)
Description
7:1
Reserved
N/A
6
Do Not Use
0
TOG_EXIT_AUD
R/W
1
1:
In auto Rd only Toggle mode, stop Toggle at Audio accessory
(Ra on both CC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com