Electronic Components Datasheet Search
  English  ▼

X  

FUSB302B Datasheet(PDF) 20 Page - ON Semiconductor

Part # FUSB302B
Description  Programmable USB Type?륝 Controller w/PD
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB302B Datasheet(HTML) 20 Page - ON Semiconductor

Back Button FUSB302B Datasheet HTML 16Page - ON Semiconductor FUSB302B Datasheet HTML 17Page - ON Semiconductor FUSB302B Datasheet HTML 18Page - ON Semiconductor FUSB302B Datasheet HTML 19Page - ON Semiconductor FUSB302B Datasheet HTML 20Page - ON Semiconductor FUSB302B Datasheet HTML 21Page - ON Semiconductor FUSB302B Datasheet HTML 22Page - ON Semiconductor FUSB302B Datasheet HTML 23Page - ON Semiconductor FUSB302B Datasheet HTML 24Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
FUSB302B
www.onsemi.com
20
Table 18. SWITCHES0
(Address: 02h; Reset Value: 0x0000_0011; Type: Read/Write)
Bit #
Name
R/W/C
Size (Bits)
Description
7
PU_EN2
R/W
1
1:
Apply host pull up current to CC2 pin
6
PU_EN1
R/W
1
1:
Apply host pull up current to CC1 pin
5
VCONN_CC2
R/W
1
1:
Turn on the VCONN current to CC2 pin
4
VCONN_CC1
R/W
1
1:
Turn on the VCONN current to CC1 pin
3
MEAS_CC2
R/W
1
1:
Use the measure block to monitor or measure the voltage on
CC2
2
MEAS_CC1
R/W
1
1:
Use the measure block to monitor or measure the voltage on
CC1
1
PDWN2
R/W
1
1:
Device pull down on CC2. 0: no pull down
0
PDWN1
R/W
1
1:
Device pull down on CC1. 0: no pull down
Table 19. SWITCHES1
(Address: 03h; Reset Value: 0x0010_0000; Type: Read/Write)
Bit #
Name
R/W/C
Size (Bits)
Description
7
POWERROLE
R/W
1
Bit used for constructing the GoodCRC acknowledge packet. This
bit corresponds to the Port Power Role bit in the message header if
an SOP packet is received:
1:
Source if SOP
0:
Sink if SOP
6:5
SPECREV1:
SPECREV0
R/W
2
Bit used for constructing the GoodCRC acknowledge packet.
These bits correspond to the Specification Revision bits in the
message header:
00: Revision 1.0
01: Revision 2.0
10: Do Not Use
11: Do Not Use
4
DATAROLE
R/W
1
Bit used for constructing the GoodCRC acknowledge packet. This
bit corresponds to the Port Data Role bit in the message header.
For SOP:
1:
SRC
0:
SNK
3
Reserved
N/A
1
Do Not Use
2
AUTO_CRC
R/W
1
1:
Starts the transmitter automatically when a message with a
good CRC is received and automatically sends a GoodCRC
acknowledge packet back to the relevant SOP*
0:
Feature disabled
1
TXCC2
R/W
1
1:
Enable BMC transmit driver on CC2 pin
0
TXCC1
R/W
1
1:
Enable BMC transmit driver on CC1 pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com