Electronic Components Datasheet Search
  English  ▼

X  

TMUX1511PWR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX1511PWR
Description  Low-Capacitance, 1:1 (SPST) 4-Channel, Powered-Off Protected Switch with 1.8 V Logic
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMUX1511PWR Datasheet(HTML) 3 Page - Texas Instruments

  TMUX1511PWR Datasheet HTML 1Page - Texas Instruments TMUX1511PWR Datasheet HTML 2Page - Texas Instruments TMUX1511PWR Datasheet HTML 3Page - Texas Instruments TMUX1511PWR Datasheet HTML 4Page - Texas Instruments TMUX1511PWR Datasheet HTML 5Page - Texas Instruments TMUX1511PWR Datasheet HTML 6Page - Texas Instruments TMUX1511PWR Datasheet HTML 7Page - Texas Instruments TMUX1511PWR Datasheet HTML 8Page - Texas Instruments TMUX1511PWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
1
SEL1
2
S1
3
D1
4
SEL2
9
D3
10
S3
11
SEL3
12
N.C.
Not to scale
1
SEL1
14
VDD
2
S1
13
SEL4
3
D1
12
S4
4
SEL2
11
D4
5
S2
10
SEL3
6
D2
9
S3
7
GND
8
D3
Not to scale
3
TMUX1511
www.ti.com
SCDS390 – SEPTEMBER 2018
Product Folder Links: TMUX1511
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
5 Pin Configuration and Functions
PW Package
14-Pin TSSOP
Top View
RSV Package
16-Pin QFN
Top View
(1)
I = input, O = output, I/O = input and output, P = power
Pin Functions
PIN
TYPE(1)
DESCRIPTION
NAME
TSSOP
UQFN
SEL1
1
1
I
Select pin 1: controls state of switch #1 (logic low = OFF, logic high = ON)
S1
2
2
I/O
Source pin 1. Can be an input or output.
D1
3
3
I/O
Drain pin 1. Can be an input or output.
SEL2
4
4
I
Select pin 2: controls state of switch #2 (logic low = OFF, logic high = ON)
S2
5
5
I/O
Source pin 2. Can be an input or output.
D2
6
6
I/O
Drain pin 2. Can be an input or output.
N.C.
-
7
Not Connected
Not Connected - Can be shorted to GND or left floating
GND
7
8
P
Ground (0 V) reference
D3
8
9
I/O
Drain pin 3. Can be an input or output.
S3
9
10
I/O
Source pin 3. Can be an input or output.
SEL3
10
11
I
Select pin 3: controls state of switch #3 (logic low = OFF, logic high = ON)
N.C.
-
12
Not Connected
Not Connected - Can be shorted to GND or left floating
D4
11
13
I/O
Drain pin 4. Can be an input or output.
S4
12
14
I/O
Source pin 4. Can be an input or output.
SEL4
13
15
I
Select pin 4: controls state of switch #4 (logic low = OFF, logic high = ON)
VDD
14
16
P
Positive power supply. This pin is the most positive power-supply potential. For reliable
operation, connect a decoupling capacitor ranging from 0.1 µF to 10 µF between VDD and
GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com