Electronic Components Datasheet Search
  English  ▼

X  

TMUX1511PWR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX1511PWR
Description  Low-Capacitance, 1:1 (SPST) 4-Channel, Powered-Off Protected Switch with 1.8 V Logic
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMUX1511PWR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TMUX1511PWR Datasheet HTML 5Page - Texas Instruments TMUX1511PWR Datasheet HTML 6Page - Texas Instruments TMUX1511PWR Datasheet HTML 7Page - Texas Instruments TMUX1511PWR Datasheet HTML 8Page - Texas Instruments TMUX1511PWR Datasheet HTML 9Page - Texas Instruments TMUX1511PWR Datasheet HTML 10Page - Texas Instruments TMUX1511PWR Datasheet HTML 11Page - Texas Instruments TMUX1511PWR Datasheet HTML 12Page - Texas Instruments TMUX1511PWR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
VOUT
Output
VS
0 V
VDD
QC = CL ×
VOUT
VSEL
GND
VS
OUTPUT
CL
S1
D1
SEL1 - SEL4
VS
S4
D4
VDD
VDD
0.1 F
VOUT
OUTPUT
CL
VOUT
VSEL
GND
VDD
0 V
Supply
Ramp
(VDD)
1.5 V
1.5 V
tON (VDD)
tOFF (VDD)
90%
90%
OUTPUT
0 V
VDD
VDD
0.1 F
VS
OUTPUT
RL
CL
S1
D1
VDD
SEL1 - SEL4
VDD
VS
OUTPUT
RL
CL
S4
D4
9
TMUX1511
www.ti.com
SCDS390 – SEPTEMBER 2018
Product Folder Links: TMUX1511
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
7.5 TON (VDD) and TOFF (VDD) Time
TON (VDD) time is defined as the time taken by the output of the device to rise to 90% after the supply has risen
past the supply threshold. The 90% measurement is utilized to provide the timing of the device turning on in the
system. The time constant from the load resistance and load capacitance can be added to the turn-on-VDD time
to calculate system level timing. Figure 5 shows the setup used to measure transition time, denoted by the
symbol tON (VDD).
TOFF (VDD) time is defined as the time taken by the output of the device to fall to 90% after the enable has fallen
past the supply threshold. The 90% measurement is utilized to provide the timing of the device turning off in the
system. The time constant from the load resistance and load capacitance can be added to the turn-off-VDD time
to calculate system level timing. Figure 5 shows the setup used to measure transition time, denoted by the
symbol tOFF (VDD).
Figure 5. Turn-On-VDD and Turn-Off-VDD Time Measurement Setup
7.6 Charge Injection
The amount of charge injected into the source or drain of the device during the falling or rising edge of the gate
signal is known as charge injection, and is denoted by the symbol QC. Figure 6 shows the setup used to
measure charge injection from source (Sx) to drain (Dx).
Figure 6. Charge-Injection Measurement Setup



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com