Electronic Components Datasheet Search
  English  ▼

X  

TMUX1511PWR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX1511PWR
Description  Low-Capacitance, 1:1 (SPST) 4-Channel, Powered-Off Protected Switch with 1.8 V Logic
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMUX1511PWR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TMUX1511PWR Datasheet HTML 7Page - Texas Instruments TMUX1511PWR Datasheet HTML 8Page - Texas Instruments TMUX1511PWR Datasheet HTML 9Page - Texas Instruments TMUX1511PWR Datasheet HTML 10Page - Texas Instruments TMUX1511PWR Datasheet HTML 11Page - Texas Instruments TMUX1511PWR Datasheet HTML 12Page - Texas Instruments TMUX1511PWR Datasheet HTML 13Page - Texas Instruments TMUX1511PWR Datasheet HTML 14Page - Texas Instruments TMUX1511PWR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
GND
NETWORK
ANALYZER
VOUT
S
D
50
Ÿ
VSIG
RL
50
Ÿ
VS
VDD
0.1µF
VDD
OUT
S
V
Channel-to-Channel Crosstalk
20 Log
V
§
·
˜
¨
¸
©
¹
NETWORK
ANALYZER
VDD
0.1µF
VDD
GND
S1
VSIG = 200 mVpp
VBIAS = VDD / 2
50
Ÿ
VOUT
RL
D1
50
Ÿ
S2
50
Ÿ
RL
D2
VS
SX / DX
50
Ÿ
RL
50
Ÿ
RL
11
TMUX1511
www.ti.com
SCDS390 – SEPTEMBER 2018
Product Folder Links: TMUX1511
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
7.9 Channel-to-Channel Crosstalk
Crosstalk is defined as the ratio of the signal at the drain pin (Dx) of a different channel, when a signal is applied
at the source pin (Sx) of an on-channel. The characteristic impedance, Z0, for the measurement is 50 Ω. Figure 9
shows the setup used to measure, and the equation used to compute crosstalk.
Figure 9. Channel-to-Channel Crosstalk Measurement Setup
(2)
7.10 Bandwidth
Bandwidth is defined as the range of frequencies that are attenuated by less than 3 dB when the input is applied
to the source pin (Sx) of an on-channel, and the output is measured at the drain pin (Dx) of the device. The
characteristic impedance, Z0, for the measurement is 50 Ω. Figure 10 shows the setup used to measure
bandwidth.
Figure 10. Bandwidth Measurement Setup



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com