Electronic Components Datasheet Search
  English  ▼

X  

TMUX1511PWR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX1511PWR
Description  Low-Capacitance, 1:1 (SPST) 4-Channel, Powered-Off Protected Switch with 1.8 V Logic
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMUX1511PWR Datasheet(HTML) 5 Page - Texas Instruments

  TMUX1511PWR Datasheet HTML 1Page - Texas Instruments TMUX1511PWR Datasheet HTML 2Page - Texas Instruments TMUX1511PWR Datasheet HTML 3Page - Texas Instruments TMUX1511PWR Datasheet HTML 4Page - Texas Instruments TMUX1511PWR Datasheet HTML 5Page - Texas Instruments TMUX1511PWR Datasheet HTML 6Page - Texas Instruments TMUX1511PWR Datasheet HTML 7Page - Texas Instruments TMUX1511PWR Datasheet HTML 8Page - Texas Instruments TMUX1511PWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
5
TMUX1511
www.ti.com
SCDS390 – SEPTEMBER 2018
Product Folder Links: TMUX1511
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
6.5 Electrical Characteristics
VDD = 1.5 V to 5.5 V, GND = 0V, TA = -40°C to +125°C, Typical values are at VDD = 3.3 V, TA = 25°C, (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY
VDD
Power supply voltage
1.5
5.5
V
IDD
Active supply current
VIN = 0 V, 1.4 V or VDD
VS = 0 V to 5.5 V
37
70
μA
DC Characteristics
RON
ON-state resistance
VS = 0 V to VDD
IDS = 8 mA
Refer to ON-State Resistance Figure
2
5
Ω
RON
ON-state resistance
VS = VDD*2
VS(max) = 5.5 V
IDS = 8 mA
Refer to ON-State Resistance Figure
2
5
Ω
ΔRON
ON-state resistance match between
channels
VS = VDD
IDS = 8 mA
Refer to ON-State Resistance Figure
0.07
Ω
RON
(FLAT)
ON-state resistance flatness
VS = 0 V to VDD
IDS = 8 mA
Refer to ON-State Resistance Figure
3.5
Ω
IPOFF
Power-off I/O pin leakage current
VDD = 0 V
VS = 0 V to 3.6 V
VD = 0 V
Refer to Ipoff Leakage Figure
-2
0
2
µA
IS(OFF)
ID(OFF)
Powered I/O pin leakage current
Switch Off
VD = 0.8*VDD / 0.2*VDD
or
VS = 0.2*VDD / 0.8*VDD
Refer to Off Leakage Figure
-1
0
1
µA
ID(ON)
IS(ON)
ON leakage current
Switch On
VD = 0.8*VDD / 0.2*VDD, S pins floating
or
VS = 0.8*VDD / 0.2*VDD, D pins floating
Refer to On Leakage Figure
-50
1
50
nA
Digital Characteristics
VIH
Input logic high
1.4
5.5
V
VIL
Input logic low
0
0.5
V
IIH
Input high leakage current
VSEL = 1.8 V, VDD
-1
1
2
μA
IIL
Input low leakage current
VSEL = 0 V
-1
±0.2
2
μA
RPD
Internal pull-down resistor on digital input
pins
6
MΩ
CI
Digital input capacitance
VSEL = 0 V, 1.8 V or VDD
f = 1 MHz
3
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com