Electronic Components Datasheet Search
  English  ▼

X  

TMUX1511PWR Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX1511PWR
Description  Low-Capacitance, 1:1 (SPST) 4-Channel, Powered-Off Protected Switch with 1.8 V Logic
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMUX1511PWR Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMUX1511PWR Datasheet HTML 9Page - Texas Instruments TMUX1511PWR Datasheet HTML 10Page - Texas Instruments TMUX1511PWR Datasheet HTML 11Page - Texas Instruments TMUX1511PWR Datasheet HTML 12Page - Texas Instruments TMUX1511PWR Datasheet HTML 13Page - Texas Instruments TMUX1511PWR Datasheet HTML 14Page - Texas Instruments TMUX1511PWR Datasheet HTML 15Page - Texas Instruments TMUX1511PWR Datasheet HTML 16Page - Texas Instruments TMUX1511PWR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
13
TMUX1511
www.ti.com
SCDS390 – SEPTEMBER 2018
Product Folder Links: TMUX1511
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Feature Description (continued)
8.3.4 Powered-off Protection
Powered-off protection up to 3.6 V on the signal path of the TMUX1511 provides isolation when the supply
voltage is removed (VDD = 0 V). When the TMUX1511 is powered-off the I/Os of the device remain in a high-Z
state. Powered-off protection minimizes system complexity by removing the need for power supply sequencing
on the signal path. The device performance remains within the leakage performance mentioned in the Electrical
Specifications. For more information on 1.8 V logic implementations refer to Eliminate Power Sequencing with
Powered-off Protection Signal Switches
8.3.5 Fail-Safe Logic
The TMUX1511 support Fail-Safe Logic on the control input pins (SELx) allowing for operation up to 5.5 V,
regardless of the state of the supply pin. This feature allows voltages on the digital control pins to be applied
before the supply pin, protecting the device from potential damage. Fail-Safe Logic minimizes system complexity
by removing the need for power supply sequencing on the logic control pins. For example, the Fail-Safe Logic
feature allows the select pins of the TMUX1511 to be ramped to 5.5 V while VDD = 0 V. Additionally, the feature
enables operation of the TMUX1511 with VDD = 1.5 V while allowing the select pins to interface with a logic level
of another device up to 5.5 V.
8.4 Device Functional Modes
The select (SELx) pins are active-high logic pins that control the connection between the source (Sx) and drain
(Dx) pins of the device. The TMUX1511 has internal weak pull-down resistors (6 MΩ) to GND so that it powers-
on with the switches disabled. When a given select pin of the TMUX1511 is pulled high, the corresponding switch
conducts from the source to drain. When any of the select pins are pulled low, the corresponding switch is in an
open state (HI-Z). Each channel of the TMUX1511 can be controlled independently through the associated select
pin, or all four select pins can be tied together for simultaneous control of all channels with a single GPIO.
8.5 Truth Tables
Table 1 shows the truth table for the TMUX1511.
Table 1. TMUX1511 Truth Table
SELx
Sx / Dx: STATE
0
Hi-Z (OFF)
1
Conducting (ON)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com