Electronic Components Datasheet Search
  English  ▼

X  

MHT1108N Datasheet(PDF) 3 Page - NXP Semiconductors

Part # MHT1108N
Description  RF Power LDMOS Transistor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MHT1108N Datasheet(HTML) 3 Page - NXP Semiconductors

  MHT1108N Datasheet HTML 1Page - NXP Semiconductors MHT1108N Datasheet HTML 2Page - NXP Semiconductors MHT1108N Datasheet HTML 3Page - NXP Semiconductors MHT1108N Datasheet HTML 4Page - NXP Semiconductors MHT1108N Datasheet HTML 5Page - NXP Semiconductors MHT1108N Datasheet HTML 6Page - NXP Semiconductors MHT1108N Datasheet HTML 7Page - NXP Semiconductors MHT1108N Datasheet HTML 8Page - NXP Semiconductors MHT1108N Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
MHT1108N
3
RF Device Data
NXP Semiconductors
Table 6. Typical Performance
In NXP Reference Circuit, 50 ohm system, VDD =28 Vdc, IDQ =110 mA
Frequency
Gps
(dB)
PAE
(%)
Pout
(W)
2400 MHz
18.5
55.7
12.5
2450 MHz
18.6
56.3
12.5
2500 MHz
18.1
54.2
12.5
Table 7. Load Mismatch/Ruggedness
In NXP Reference Circuit, 50 ohm system, IDQ =110 mA
Frequency
(MHz)
Signal Type
VSWR
Pin
(dBm)
Test Voltage, VDD
Result
2450
CW
>10:1 at all
Phase Angles
26
(3 dB Overdrive)
32
No Device Degradation
Table 8. Ordering Information
Device
Tape and Reel Information
Package
MHT1108NT1
T1 Suffix = 1,000 Units, 16 mm Tape Width, 7--inch Reel
DFN 4 × 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com