Electronic Components Datasheet Search
  English  ▼

X  

MHT1108N Datasheet(PDF) 6 Page - NXP Semiconductors

Part # MHT1108N
Description  RF Power LDMOS Transistor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MHT1108N Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button MHT1108N Datasheet HTML 2Page - NXP Semiconductors MHT1108N Datasheet HTML 3Page - NXP Semiconductors MHT1108N Datasheet HTML 4Page - NXP Semiconductors MHT1108N Datasheet HTML 5Page - NXP Semiconductors MHT1108N Datasheet HTML 6Page - NXP Semiconductors MHT1108N Datasheet HTML 7Page - NXP Semiconductors MHT1108N Datasheet HTML 8Page - NXP Semiconductors MHT1108N Datasheet HTML 9Page - NXP Semiconductors MHT1108N Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
6
RF Device Data
NXP Semiconductors
MHT1108N
P3dB – TYPICAL LOAD PULL CONTOURS — 2450 MHz
4
2
3
0
–1
1
–2
4
2
3
0
–1
1
–2
68
10
2
16
412
14
68
10
2
16
412
14
NOTE:
= Maximum Output Power
= Maximum Power Added Efficiency
P
E
Gain
Power Added Efficiency
Output Power
Figure 3. P3dB Load Pull Output Power Contours (dBm)
REAL (Ω)
4
2
68
10
2
16
3
0
–1
4
Figure 4. P3dB Load Pull PAE Contours (%)
REAL (Ω)
Figure 5. P3dB Load Pull Gain Contours (dB)
REAL (Ω)
12
1
–2
14
5
5
5
P
E
41
41.5
42
40
42.5
42
41.5
42
41
40
P
E
58
62
60
48
50
52
54
56
46
P
E
19
19.5
15.5
18.5
17.5
18
17
16.5
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com