Electronic Components Datasheet Search
  English  ▼

X  

MHT1108N Datasheet(PDF) 1 Page - NXP Semiconductors

Part # MHT1108N
Description  RF Power LDMOS Transistor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MHT1108N Datasheet(HTML) 1 Page - NXP Semiconductors

  MHT1108N Datasheet HTML 1Page - NXP Semiconductors MHT1108N Datasheet HTML 2Page - NXP Semiconductors MHT1108N Datasheet HTML 3Page - NXP Semiconductors MHT1108N Datasheet HTML 4Page - NXP Semiconductors MHT1108N Datasheet HTML 5Page - NXP Semiconductors MHT1108N Datasheet HTML 6Page - NXP Semiconductors MHT1108N Datasheet HTML 7Page - NXP Semiconductors MHT1108N Datasheet HTML 8Page - NXP Semiconductors MHT1108N Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
MHT1108N
1
RF Device Data
NXP Semiconductors
RF Power LDMOS Transistor
N--Channel Enhancement--Mode Lateral MOSFET
This 12.5 W CW high efficiency RF power transistor is designed for consumer
and commercial cooking applications operating in the 2450 MHz ISM band.
Typical Performance: VDD =28 Vdc, IDQ =110 mA
Frequency
(MHz)
Signal Type
Gps
(dB)
PAE
(%)
Pout
(W)
2400
CW
18.5
55.7
12.5
2450
18.6
56.3
12.5
2500
18.1
54.2
12.5
Load Mismatch/Ruggedness
Frequency
(MHz)
Signal Type
VSWR
Pin
(dBm)
Test
Voltage
Result
2450
CW
> 10:1
at all Phase
Angles
26
(3 dB
Overdrive)
32
No Device
Degradation
Features
• Characterized with series equivalent large--signal impedance parameters
and common source S--parameters
• Qualified for operation at 32 Vdc
• Integrated ESD protection
• 150°C case operating temperature
• 150°C die temperature capability
Target Applications
• Consumer cooking as PA driver
• Commercial cooking as PA driver
Document Number: MHT1108N
Rev. 0, 03/2017
NXP Semiconductors
Technical Data
2450 MHz, 12.5 W CW, 28 V
RF POWER LDMOS TRANSISTOR
FORCONSUMERAND
COMMERCIAL COOKING
MHT1108N
DFN 4 × 6
PLASTIC
15
9
11
10
1
16
14
13
12
N.C.
N.C.
N.C.
N.C.
N.C.
N.C.
N.C.
N.C.
Note: Exposed backside of the package is
the source terminal for the transistor.
(Top View)
2
3
4
5
6
7
8
Gate
Gate
Gate
Gate
Drain
Drain
Drain
Drain
Figure 1. Pin Connections
© 2017 NXP B.V.


Similar Part No. - MHT1108N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MHT1000H NXP-MHT1000H Datasheet
653Kb / 10P
RF Power LDMOS Transistor N--Channel Enhancement--Mode Lateral MOSFET
Rev. 0, 5/2014
MHT1000HR5 NXP-MHT1000HR5 Datasheet
653Kb / 10P
RF Power LDMOS Transistor N--Channel Enhancement--Mode Lateral MOSFET
Rev. 0, 5/2014
MHT1001H NXP-MHT1001H Datasheet
551Kb / 10P
RF Power LDMOS Transistor
Rev. 0, 5/2014
MHT1001HR5 NXP-MHT1001HR5 Datasheet
551Kb / 10P
RF Power LDMOS Transistor
Rev. 0, 5/2014
MHT1002GNR3 NXP-MHT1002GNR3 Datasheet
632Kb / 20P
RF Power LDMOS Transistors
Rev. 0, 4/2015
More results

Similar Description - MHT1108N

ManufacturerPart #DatasheetDescription
logo
Polyfet RF Devices
L2821 POLYFET-L2821_14 Datasheet
64Kb / 2P
RF POWER LDMOS TRANSISTOR
L8721P POLYFET-L8721P_14 Datasheet
53Kb / 2P
RF POWER LDMOS TRANSISTOR
L88016 POLYFET-L88016_14 Datasheet
59Kb / 2P
RF POWER LDMOS TRANSISTOR
LB501 POLYFET-LB501_14 Datasheet
62Kb / 2P
RF POWER LDMOS TRANSISTOR
LC801 POLYFET-LC801_14 Datasheet
60Kb / 2P
RF POWER LDMOS TRANSISTOR
LK702 POLYFET-LK702_14 Datasheet
60Kb / 2P
RF POWER LDMOS TRANSISTOR
LP721 POLYFET-LP721_14 Datasheet
60Kb / 2P
RF POWER LDMOS TRANSISTOR
LP802 POLYFET-LP802_14 Datasheet
61Kb / 2P
RF POWER LDMOS TRANSISTOR
LP821 POLYFET-LP821_14 Datasheet
61Kb / 2P
RF POWER LDMOS TRANSISTOR
LQ801 POLYFET-LQ801_14 Datasheet
59Kb / 2P
RF POWER LDMOS TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com