Electronic Components Datasheet Search
  English  ▼

X  

MHT1108N Datasheet(PDF) 9 Page - NXP Semiconductors

Part # MHT1108N
Description  RF Power LDMOS Transistor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MHT1108N Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button MHT1108N Datasheet HTML 5Page - NXP Semiconductors MHT1108N Datasheet HTML 6Page - NXP Semiconductors MHT1108N Datasheet HTML 7Page - NXP Semiconductors MHT1108N Datasheet HTML 8Page - NXP Semiconductors MHT1108N Datasheet HTML 9Page - NXP Semiconductors MHT1108N Datasheet HTML 10Page - NXP Semiconductors MHT1108N Datasheet HTML 11Page - NXP Semiconductors MHT1108N Datasheet HTML 12Page - NXP Semiconductors MHT1108N Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
MHT1108N
9
RF Device Data
NXP Semiconductors
TYPICAL CHARACTERISTICS — 2450 MHz REFERENCE CIRCUIT
Gps
Pin
PAE
85_C
85_C
125_C
25_C
125_C
25_C
125_C
85_C 25_C
Figure 10. Power Gain, Power Added Efficiency and
Input Power versus Output Power and Temperature
Pout, OUTPUT POWER (WATTS)
12
15
14
0
25
30
15
18
17
16
19
5
50
65
13
20
21
35
20
20
10
2
4
6
8
10
12
14
16
18
VDD =28 Vdc
IDQ =50 mA
f = 2450 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com