Electronic Components Datasheet Search
  English  ▼

X  

AD9576BCPZ Datasheet(PDF) 44 Page - Analog Devices

Part # AD9576BCPZ
Description  Dual PLL, Asynchronous Clock Generator
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9576BCPZ Datasheet(HTML) 44 Page - Analog Devices

Back Button AD9576BCPZ Datasheet HTML 40Page - Analog Devices AD9576BCPZ Datasheet HTML 41Page - Analog Devices AD9576BCPZ Datasheet HTML 42Page - Analog Devices AD9576BCPZ Datasheet HTML 43Page - Analog Devices AD9576BCPZ Datasheet HTML 44Page - Analog Devices AD9576BCPZ Datasheet HTML 45Page - Analog Devices AD9576BCPZ Datasheet HTML 46Page - Analog Devices AD9576BCPZ Datasheet HTML 47Page - Analog Devices AD9576BCPZ Datasheet HTML 48Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 65 page
background image
AD9576
Data Sheet
Rev. A | Page 44 of 65
tS
DON'T CARE
DON'T CARE
A14
A13
A12
A11
A10
A9A8A7
A6A5D4D3
D2D1D0
DON'T CARE
DON'T CARE
R/W
tDS
tDH
tHIGH
tLOW
tSCLK
tC
CS
SCLK
SDIO
Figure 29. Timing Diagram for Serial Control Port Write—MSB First
CS
SCLK
DATA BIT N
DATA BIT N – 1
tDV
SDIO
Figure 30. Timing Diagram for Serial Control Port Register Read—MSB First
CS
SCLK DON'T CARE
DON'T CARE
16-BIT INSTRUCTION HEADER
REGISTER (N) DATA
REGISTER (N + 1) DATA
SDIO
DON'T CARE
DON'T CARE
A0 A1
A2
A3
A4
A5
A6
A7
A8
A9 A10 A11 A12
D1
D0
R/W
A14
A13
D2
D3
D4
D5 D6
D7
D0
D1
D2
D3
D4
D5
D6
D7
Figure 31. Serial Control Port Write—LSB First, Address Increment, Two Bytes of Data
CS
SCLK
SDIO
tHIGH
tLOW
tSCLK
tS
tDS
tDH
tC
BIT N
BIT N + 1
Figure 32. Timing Diagram for Serial Control Port—Write
I2C SERIAL PORT OPERATION
The I2C interface is popular because it requires only two pins
and easily supports multiple devices on the same bus. Its main
disadvantage is programming speed, which is 400 kbps maximum.
The AD9576 I2C port design uses the I2C fast mode; however, it
supports both the 100 kHz standard mode and 400 kHz fast mode.
The AD9576 does not strictly adhere to every requirement in
the original I2C specification. In particular, specifications such
as slew rate limiting and glitch filtering are not implemented.
Therefore, the AD9576 is I2C-compatible, but may not be fully
I2C compliant.
The AD9576 I2C port consists of a serial data line (SDA) and a
serial clock line (SCL). In an I2C bus system, the AD9576 is
connected to the serial bus (data bus SDA and clock bus SCL) as
a slave device; that is, no clock is generated by the AD9576. The
AD9576 uses direct 16-bit memory addressing instead of more
common 8-bit memory addressing.
The AD9576 allows up to seven unique slave devices to occupy
the I2C bus. These are accessed via a 7-bit slave address
transmitted as part of an I2C packet. Only the device with a
matching slave address responds to subsequent I2C commands.
Table 35 lists the supported device slave addresses.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com