Electronic Components Datasheet Search
  English  ▼

X  

AD9576BCPZ Datasheet(PDF) 58 Page - Analog Devices

Part # AD9576BCPZ
Description  Dual PLL, Asynchronous Clock Generator
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9576BCPZ Datasheet(HTML) 58 Page - Analog Devices

Back Button AD9576BCPZ Datasheet HTML 54Page - Analog Devices AD9576BCPZ Datasheet HTML 55Page - Analog Devices AD9576BCPZ Datasheet HTML 56Page - Analog Devices AD9576BCPZ Datasheet HTML 57Page - Analog Devices AD9576BCPZ Datasheet HTML 58Page - Analog Devices AD9576BCPZ Datasheet HTML 59Page - Analog Devices AD9576BCPZ Datasheet HTML 60Page - Analog Devices AD9576BCPZ Datasheet HTML 61Page - Analog Devices AD9576BCPZ Datasheet HTML 62Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 65 page
background image
AD9576
Data Sheet
Rev. A | Page 58 of 65
PLL0 DISTRIBUTION REGISTERS (REGISTER 0x140 TO REGISTER 0x14D)
Table 49. PLL0 Distribution Registers
Address
Bits
Bit Name
Settings
Description
Reset
Access
0x140
7
Reserved
Reserved.
0x0
R
6
Q0 power-down
Divider power-down control.
0x0
R/W
0
Normal operation.
1
Powered down.
[5:0]
Q0 divider ratio
These bits set the operating divide ratio. Divide ratio = bit field value + 1.
0x3
R/W
0x141
[7:6]
Reserved
Reserved.
0x0
R
[5:0]
Q0 initial phase
These bits set the divider static phase offset. The phase offset is in
units of half cycles of the input clock.
0x0
R/W
0x142
[7:3]
Reserved
Reserved.
0x0
R
2
OUT0 power-down
Driver power-down control.
0x0
R/W
0
Normal operation.
1
Powered down.
[1:0]
OUT0 driver format
These bits select the driver format of OUT0.
0x0
R/W
00
LVDS, 3.5 mA.
01
LVDS, 4.2 mA.
10
HSTL, 8 mA.
11
1.8 V CMOS.
0x143
[7:3]
Reserved
Reserved.
0x0
R
2
OUT1 power-down
Driver power-down control.
0x0
R/W
0
Normal operation.
1
Powered down.
[1:0]
OUT1 driver format
These bits select the driver format of OUT1.
0x0
R/W
00
LVDS, 3.5 mA.
01
LVDS, 4.2 mA.
10
HSTL, 8 mA.
11
1.8 V CMOS.
0x144
[7:3]
Reserved
Reserved.
0x0
R
2
OUT2 power-down
Driver power-down control.
0x0
R/W
0
Normal operation.
1
Powered down.
[1:0]
OUT2 driver format
These bits select the driver format of OUT2.
0x0
R/W
00
LVDS, 3.5 mA.
01
LVDS, 4.2 mA.
10
HSTL, 8 mA.
11
1.8 V CMOS.
0x145
[7:3]
Reserved
Reserved.
0x0
R
2
OUT3 power-down
Driver power-down control.
0x0
R/W
0
Normal operation.
1
Powered down.
[1:0]
OUT3 driver format
These bits select the driver format of OUT3.
0x0
R/W
00
LVDS 3.5 mA.
01
LVDS 4.2 mA.
10
HSTL 8 mA.
11
1.8 V CMOS.
0x146
7
Reserved
Reserved.
0x0
R
6
Q1 power-down
Divider power-down control.
0x0
R/W
0
Normal operation.
1
Powered down.
[5:0]
Q1 divide ratio
These bits set the operating divide ratio. Divide ratio = bit field value + 1.
0x3
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com