Electronic Components Datasheet Search
  English  ▼

X  

AD9576BCPZ Datasheet(PDF) 14 Page - Analog Devices

Part # AD9576BCPZ
Description  Dual PLL, Asynchronous Clock Generator
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9576BCPZ Datasheet(HTML) 14 Page - Analog Devices

Back Button AD9576BCPZ Datasheet HTML 10Page - Analog Devices AD9576BCPZ Datasheet HTML 11Page - Analog Devices AD9576BCPZ Datasheet HTML 12Page - Analog Devices AD9576BCPZ Datasheet HTML 13Page - Analog Devices AD9576BCPZ Datasheet HTML 14Page - Analog Devices AD9576BCPZ Datasheet HTML 15Page - Analog Devices AD9576BCPZ Datasheet HTML 16Page - Analog Devices AD9576BCPZ Datasheet HTML 17Page - Analog Devices AD9576BCPZ Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 65 page
background image
AD9576
Data Sheet
Rev. A | Page 14 of 65
LOGIC INPUT PINS CHARACTERISTICS—REF_SEL, RESET, SPx, PPRx
Table 13.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
INPUT STATIC CHARACTERISTICS
REF_SEL Pin
Internal 30 kΩ pull-down resistor
Logic 1 Voltage (VIH)
2.11
V
Logic 0 Voltage (VIL)
1.0
V
Logic 1 Current (IIH)
195
µA
VIH = VDD_x; value represents the magnitude
of current draw
Logic 0 Current (IIL)
0.25
µA
VIL = GND; value represents the magnitude
of current draw
RESET Pin
Internal 30 kΩ pull-up resistor
Logic 1 Voltage (VIH)
1.9
V
Logic 0 Voltage (VIL)
0.9
V
Logic 1 Current (IIH)
0.04
µA
VIH = VDD_x; value represents the magnitude
of current draw
Logic 0 Current (IIL)
260
µA
VIL = GND; value represents the magnitude
of current draw
SPx Pins
Logic 1 Voltage (VIH)
VDD_x − 0.5
V
Logic 0 Voltage (VIL)
0.28
V
Logic 1 Current (IIH)
95
µA
VIH = VDD_x; value represents the magnitude
of current draw
Logic 0 Current (IIL)
0.04
µA
VIL = GND; value represents the magnitude
of current draw
RESET TIMING
Pule Width Low
1.25
ns
RESET Inactive to Start of
Register Programming
1.25
ns
PPR0 TO PPR3 PINS EXTERNAL
TERMINATION
Maximum resistor tolerance = 10%
State 0
820
Ω
Pull-down to GND
State 1
1800
Ω
Pull-down to GND
State 2
3900
Ω
Pull-down to GND
State 3
8200
Ω
Pull-down to GND
State 4
820
Ω
Pull-up to VDD_x
State 5
1800
Ω
Pull-up to VDD_x
State 6
3900
Ω
Pull-up to VDD_x
State 7
8200
Ω
Pull-up to VDD_x
STATUS OUTPUT PINS CHARACTERISTICS—LD_0, LD_1, REF_SW, REF_STATUS, REF_ACT
Table 14.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
OUTPUT CHARACTERISTICS
ILOAD = 1 mA (source or sink)
Logic 1 Voltage
VDD_x − 0.1
V
Logic 0 Voltage
0.03
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com