Electronic Components Datasheet Search
  English  ▼

X  

SSC2006SA Datasheet(PDF) 12 Page - Sanken electric

Part # SSC2006SA
Description  Critical Conduction Mode PFC Control IC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SSC2006SA Datasheet(HTML) 12 Page - Sanken electric

Back Button SSC2006SA Datasheet HTML 8Page - Sanken electric SSC2006SA Datasheet HTML 9Page - Sanken electric SSC2006SA Datasheet HTML 10Page - Sanken electric SSC2006SA Datasheet HTML 11Page - Sanken electric SSC2006SA Datasheet HTML 12Page - Sanken electric SSC2006SA Datasheet HTML 13Page - Sanken electric SSC2006SA Datasheet HTML 14Page - Sanken electric SSC2006SA Datasheet HTML 15Page - Sanken electric SSC2006SA Datasheet HTML 16Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
SSC2006SA
SSC2006SA - DSJ Rev.1.6
SANKEN ELECTRIC CO.,LTD.
12
Aug.11, 2015
http://www.sanken-ele.co.jp/en/
© SANKEN ELECTRIC CO.,LTD. 2013
FB pin voltage
OUT pin
voltage
VOVP
VOVPHYS
Figure 8-14 OVP waveforms
8.8
FB Pin Under Voltage Protection
(FB_UVP)
FB Pin Under Voltage Protection (FB_UVP) is
activated when the FB pin voltage is decreased by the
malfunctions in feedback loop such as the open of RVS1
or the short of RVS2.
Figure 8-15 shows the FB pin peripheral circuit and
internal circuit. When the FB pin voltage is decreased to
VUVP = 300 mV or less, the OUT pin output is turned-off
immediately
and
switching
operation
stops.
This
prevents the rise of output voltage. When the cause of
malfunction is removed and the FB pin voltage rises to
VUVP + VUVP(HYS), the switching operation restarts.
In case the FB pin is open, the FB pin voltage is
increase and OVP is activated as described in Section
8.6.
When the cause of malfunction is removed and the IC
becomes nomal control, the switching operation rstarts.
Error AMP
VFB
= 2.50V
VOUT
RVS1
RVS2
FB
1
VOSC
PWM COMP
OVP
VOVP
= 1.090×VFB
VOVP(HYS)
= 90mV
6
GND
UVP
VUVP
= 300mV
VUVP(HYS)
= 120mV
C3
U1
IFB
Figure 8-15 The FB pin peripheral circuit and
internal circuit.
8.9
Thermal Shutdown (TSD)
< Using External Power Supply >
When the temperature of control circuit increases to
Tj(TSD) = 150 °C or more, Thermal Shutdown (TSD) is
activated and the IC stops switching operation.
When the fault condition is removed and the
temperature decreases to less than Tj(TSD) – Tj(TSDHYS), the
IC returns to normal operation automatically.
< Using Auxiliary Winding D for VCC supply >
When TSD is activated and the IC stops switching
operation, VCC pin voltage decreases to VCC(OFF) and the
control circuit stops operation. After that, the IC reverts
to the initial state by UVLO circuit, and the IC starts
operation when VCC pin voltage increases to VCC(ON) by
startup current. Thus the intermittent operation by
UVLO is repeated in TSD state.
When the fault condition is removed and the
temperature decreases to less than Tj(TSD) – Tj(TSDHYS), the
IC returns to normal operation automatically.
9.
Design Notes
9.1
Inductor Design
Inductor T1 consists of a boost winding P and
auxiliary winding D. The winding P is used for boosting
the voltage and winding D is used for off-timing
detection.
The calculation methods of winding P and winding D
are as shown below. Since the following calculating
formulas are approximated, the peak current and the
frequency of operational waveforms may be different
from the setting value at calculating. Eventually, the
inductance value should be adjusted in actual operation.
Apply proper design margin to temperature rise by
core loss and copper loss.
9.1.1
Boost winding P
Inductance LP of PFC in CRM mode is calculated as
follows:
1) Output Voltage, VOUT
The output voltage VOUT of boost-converter should be
set higher than peak value of input voltage as
following equation:
DIF
)
MAX
(
ACRMS
OUT
V
V
2
V
(V)
(3)
where,
VACRMS(MAX): Maximum AC input voltage rms value (V)
VDIF: Boost voltage (about 10V) (V)
2) Operational Frequency, fSW(SET) and Maximum
On-time, tON(SET)MAX
Determine fSW(SET) that is minimum operational
frequency at the peak of the AC line waveform. The



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com