Electronic Components Datasheet Search
  English  ▼

X  

SSC2006SA Datasheet(PDF) 21 Page - Sanken electric

Part # SSC2006SA
Description  Critical Conduction Mode PFC Control IC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SSC2006SA Datasheet(HTML) 21 Page - Sanken electric

Back Button SSC2006SA Datasheet HTML 15Page - Sanken electric SSC2006SA Datasheet HTML 16Page - Sanken electric SSC2006SA Datasheet HTML 17Page - Sanken electric SSC2006SA Datasheet HTML 18Page - Sanken electric SSC2006SA Datasheet HTML 19Page - Sanken electric SSC2006SA Datasheet HTML 20Page - Sanken electric SSC2006SA Datasheet HTML 21Page - Sanken electric SSC2006SA Datasheet HTML 22Page - Sanken electric SSC2006SA Datasheet HTML 23Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
SSC2006SA
SSC2006SA - DSJ Rev.1.6
SANKEN ELECTRIC CO.,LTD.
21
Aug.11, 2015
http://www.sanken-ele.co.jp/en/
© SANKEN ELECTRIC CO.,LTD. 2013
● Transformer specification
Primary inductance : 620 μH
Core size
: SDT38
AL-Value
: 198 nH/N
2
Gap length
: 1.9 mm (center gap)
Winding specification
Location
Symbol
Number of
turns (turns)
Wire (mm)
Configuration
Note
Primary winding
P1
56
φ 0.20 × 10p
Solenoid winding
Litz wire
Auxiliary winding
D
8
φ 0.32
Solenoid winding
Bobbin
D
P1
AC input
Drain
VCC, ZCD
GND
P1
D
●mark shows the start point of winding
Cross-section view



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com