Electronic Components Datasheet Search
  English  ▼

X  

SSC2006SA Datasheet(PDF) 22 Page - Sanken electric

Part # SSC2006SA
Description  Critical Conduction Mode PFC Control IC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SSC2006SA Datasheet(HTML) 22 Page - Sanken electric

Back Button SSC2006SA Datasheet HTML 15Page - Sanken electric SSC2006SA Datasheet HTML 16Page - Sanken electric SSC2006SA Datasheet HTML 17Page - Sanken electric SSC2006SA Datasheet HTML 18Page - Sanken electric SSC2006SA Datasheet HTML 19Page - Sanken electric SSC2006SA Datasheet HTML 20Page - Sanken electric SSC2006SA Datasheet HTML 21Page - Sanken electric SSC2006SA Datasheet HTML 22Page - Sanken electric SSC2006SA Datasheet HTML 23Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 22 / 23 page
background image
SSC2006SA
SSC2006SA - DSJ Rev.1.6
SANKEN ELECTRIC CO.,LTD.
22
Aug.11, 2015
http://www.sanken-ele.co.jp/en/
© SANKEN ELECTRIC CO.,LTD. 2013
OPERATING PRECAUTIONS
In the case that you use Sanken products or design your products by using Sanken products, the reliability largely
depends on the degree of derating to be made to the rated values. Derating may be interpreted as a case that an operation
range is set by derating the load from each rated value or surge voltage or noise is considered for derating in order to
assure or improve the reliability. In general, derating factors include electric stresses such as electric voltage, electric
current, electric power etc., environmental stresses such as ambient temperature, humidity etc. and thermal stress caused
due to self-heating of semiconductor products. For these stresses, instantaneous values, maximum values and minimum
values must be taken into consideration. In addition, it should be noted that since power devices or IC’s including power
devices have large self-heating value, the degree of derating of junction temperature affects the reliability significantly.
Because reliability can be affected adversely by improper storage environments and handling methods, please
observe the following cautions.
Cautions for Storage
● Ensure that storage conditions comply with the standard temperature (5 to 35°C) and the standard relative humidity
(around 40 to 75%); avoid storage locations that experience extreme changes in temperature or humidity.
● Avoid locations where dust or harmful gases are present and avoid direct sunlight.
● Reinspect for rust on leads and solderability of the products that have been stored for a long time.
Cautions for Testing and Handling
When tests are carried out during inspection testing and other standard test periods, protect the products from power
surges from the testing device, shorts between the product pins, and wrong connections. Ensure all test parameters are
within the ratings specified by Sanken for the products.
Soldering
When soldering the products, please be sure to minimize the working time, within the following limits:
260 ± 5 °C
10 ± 1 s (Flow, 2 times)
380 ± 10 °C
3.5 ± 0.5 s (Soldering iron, 1 time)
Electrostatic Discharge
● When handling the products, the operator must be grounded. Grounded wrist straps worn should have at least 1MΩ
of resistance from the operator to ground to prevent shock hazard, and it should be placed near the operator.
● Workbenches where the products are handled should be grounded and be provided with conductive table and floor
mats.
● When using measuring equipment such as a curve tracer, the equipment should be grounded.
● When soldering the products, the head of soldering irons or the solder bath must be grounded in order to prevent leak
voltages generated by them from being applied to the products.
● The products should always be stored and transported in Sanken shipping containers or conductive containers, or be
wrapped in aluminum foil.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com