Electronic Components Datasheet Search
  English  ▼

X  

SSC2006SA Datasheet(PDF) 17 Page - Sanken electric

Part # SSC2006SA
Description  Critical Conduction Mode PFC Control IC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SSC2006SA Datasheet(HTML) 17 Page - Sanken electric

Back Button SSC2006SA Datasheet HTML 13Page - Sanken electric SSC2006SA Datasheet HTML 14Page - Sanken electric SSC2006SA Datasheet HTML 15Page - Sanken electric SSC2006SA Datasheet HTML 16Page - Sanken electric SSC2006SA Datasheet HTML 17Page - Sanken electric SSC2006SA Datasheet HTML 18Page - Sanken electric SSC2006SA Datasheet HTML 19Page - Sanken electric SSC2006SA Datasheet HTML 20Page - Sanken electric SSC2006SA Datasheet HTML 21Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
SSC2006SA
SSC2006SA - DSJ Rev.1.6
SANKEN ELECTRIC CO.,LTD.
17
Aug.11, 2015
http://www.sanken-ele.co.jp/en/
© SANKEN ELECTRIC CO.,LTD. 2013
T1
C1
P
D
DVCC
RCS
RST
VCC
GND
U1
8
6
CVCC
VD
CCP
DZVCC
RZ
Q1
DFW
VOUT
LINE
GND
VAC
VB
VCCP
C7
Figure 9-5 VCC pin peripheral circuit
(Power supply from auxiliary winding)
9.2.8
Power MOSFET, Q1
Choose a power MOSFET having proper margin of
VDSS against output voltage, VOUT. The size of heat sink
is chosen taking into account some loss by switching
and ON resistance of MOSFET.
The loss PRDS(ON) by on-resistance, RDS(ON) of power
MOSFET is calculated using IDRMS of the result of
Equation (14) as follows:
C
125
)
ON
(
DS
2
DRSM
)
ON
(
RDS
R
I
P
 
(W)
(21)
Where,
RDS(ON)125°C : ON resistance of MOSFET
at Tch = 125 °C (Ω)
9.2.9
Boost Diode, DFW
Choose a boost diode having proper margin of a peak
reverse voltage VRSM against output voltage VOUT.
A fast recovery diode is recommended to reduce the
switching noise and loss. Please ask our staff about our
lineup. The size of heat sink is chosen taking into
account some loss by VF and recovery current of boost
diode.
The loss of VF, PDFW is expressed as follows:
OUT
F
DFW
I
V
P
(W)
(22)
Where,
VF
: Forward voltage of boost diode (V)
IOUT
: Out put current (A)
9.2.10 Bypass Diode, DBYP
Bypass diode protects the boost diode from a large
current such as an inrush current. A high surge current
tolerance diode is recommended. Please ask our staff
about our lineup.
9.2.11 Output Capacitor, C2
Apply proper design margin to accommodate the
ripple current, the ripple voltage and the temperature rise.
Use of high ripple current and low impedance types,
designed
for
switch-mode
power
supplies,
is
recommended, depending on their purposes.
In order to obtain C2 value CO, calculate both
Equation (23) and (25) described in following and select
a larger value.
(1) Ripple voltage considered
)
RI
(
OUT
LINE
OUT
O
V
f
2
I
C
(F)
(23)
Where,
VOUTRIPPLE : C2 ripple voltage (10 VPP for example)
fLINE
: Line frequency (Hz)
IOUT
: Output current (A)
The C2 voltage is expressed Equation (24).
When the output ripple is high, the VC2 voltage may
reach to Overvoltage Protection voltage, VOVP in near
the maximum value of VC2, or input current waveform
may be distorted due to the stop of the boost operation
in near the minmum value of VC2. It is necessary to
select large CO value or change the setting of output
voltage (boost voltage).
2
V
V
V
)
RI
(
OUT
OUT
2
C
(V)
(24)
(2) Output hold time considered
2
)
MIN
(
OUT
2
OUT
HOLD
OUT
O
V
V
t
P
2
C
(F)
(25)
Where,
tHOLD
: Output hold time (s)
VOUT(MIN) : Minmum output voltage of C2 during
output hold (V)
If tHOLD = 20 ms, PO = 200 W, η = 90 % and the
output voltage = 330 V to 390 V, CO value is derived
as 205 μF. Thus, CO value of approximately 220 μF is
connected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com