Electronic Components Datasheet Search
  English  ▼

X  

SSC2006SA Datasheet(PDF) 13 Page - Sanken electric

Part # SSC2006SA
Description  Critical Conduction Mode PFC Control IC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SSC2006SA Datasheet(HTML) 13 Page - Sanken electric

Back Button SSC2006SA Datasheet HTML 9Page - Sanken electric SSC2006SA Datasheet HTML 10Page - Sanken electric SSC2006SA Datasheet HTML 11Page - Sanken electric SSC2006SA Datasheet HTML 12Page - Sanken electric SSC2006SA Datasheet HTML 13Page - Sanken electric SSC2006SA Datasheet HTML 14Page - Sanken electric SSC2006SA Datasheet HTML 15Page - Sanken electric SSC2006SA Datasheet HTML 16Page - Sanken electric SSC2006SA Datasheet HTML 17Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
SSC2006SA
SSC2006SA - DSJ Rev.1.6
SANKEN ELECTRIC CO.,LTD.
13
Aug.11, 2015
http://www.sanken-ele.co.jp/en/
© SANKEN ELECTRIC CO.,LTD. 2013
frequency becomes higher with lowering the input
voltage. The frequency at the peak of the AC line
waveform, fSW(SET) should be set more than frequency
of 20 kHz.
The tON(SET)MAX at fSW(SET) is calculated by Equation
(4). The tON(MAX) described in “8.4 Maximmum
on-time setting” should be set above tON(SET)MAX.
OUT
)
SET
(
SW
)
MIN
(
ACRMS
OUT
MAX
)
SET
(
ON
V
f
V
2
V
t
(s)
(4)
where,
VOUT : Output voltage (V)
VACRMS(MIN) : Maximum AC input voltage rms value (V)
3) Inductance, LP
Substituting both minimum and maximum of AC
input voltage to VACRMS, choose a smaller one as LP
value. LP is calculated as follows:
OUT
)
SET
(
SW
OUT
ACRMS
OUT
2
ACRMS
P
V
f
P
2
V
2
V
V
L
(H)
(5)
where,
VACRMS: Maximum or minimum AC input voltage rms
value (V)
POUT: Output Power (W)
fSW(SET): Minimum operational frequency at the peak
of the AC line waveform (kHz)
η: Efficiency of PFC
(In general, the range of η is 0.90 to 0.97, depending
on on-resistance of power MOSFET RDS(ON) and
forward voltage drop of rectifier diode VF.)
4) Inductor peak current, ILP
ILP is peak current at the minimum of AC input
voltage waveform. ILP calculated as follows:
)
MIN
(
ACRMS
OUT
LP
V
P
2
2
I
(A)
(6)
9.1.2
Auxiliary Winding D
Figure 9-1 shows the polarity of boost winding P and
auxiliary winding D.
Given the number of windings of each winding as NP
and ND, the turn ratio ND/NP is set satisfying following
conditions. The condition of ND/NP making ZCD pin
voltage above VZCD(H) = 1.5 V after power MOSFET
turns off is expressed as follows:
)
MAX
(
ACRMS
OUT
)
H
(
ZCD
P
D
V
2
V
V
N
N
(7)
where,
NP: The number of turns of boost winding P (turns)
ND: The number of turns of auxiliary winding D
(turns)
VOUT: Output voltage (V)
VACRMS(MAX): Maximum AC input voltage rms value
(turns)
VOUT
GND
6
OUT
DFW
T1
R1
ZCD
5
RT
2
RRT
C6
C4
U1
C1
D
P
7
Q1
RCS
Figure 9-1 ZCD Peripheral circuit
When power supply of VCC pin is suplied from
auxiliary winding as shown in Figure 9-2, the condition
of ND/NP is necessary to satisfy both Equation (7) and
following Equation (11).
T1
C1
P
D
DVCC
RCS
RST
VCC
GND
U1
8
6
CVCC
VD
CCP
DZVCC
RZ
Q1
DFW
VOUT
LINE
GND
VAC
VB
VIN
VFVCC
VFZVCC
VFFW
Figure 9-2 VCC pin peripheral circuit
(Power supply from auxiliary winding)
When switching operation starts, the current is
supplied by auxiliary winding as follows:
Auxiliary winding voltage in ON state and OFF state
of Q1 are given as VB and VD, respectively. The forward
voltages of Diode (DZVCC and DVCC) are given as VFZVCC
and VFVCC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com