Electronic Components Datasheet Search
  English  ▼

X  

LMV331 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # LMV331
Description  GENERAL PURPOSE LOW VOLTAGE COMPARATOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

LMV331 Datasheet(HTML) 5 Page - Diodes Incorporated

  LMV331 Datasheet HTML 1Page - Diodes Incorporated LMV331 Datasheet HTML 2Page - Diodes Incorporated LMV331 Datasheet HTML 3Page - Diodes Incorporated LMV331 Datasheet HTML 4Page - Diodes Incorporated LMV331 Datasheet HTML 5Page - Diodes Incorporated LMV331 Datasheet HTML 6Page - Diodes Incorporated LMV331 Datasheet HTML 7Page - Diodes Incorporated LMV331 Datasheet HTML 8Page - Diodes Incorporated LMV331 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
LMV331/ LMV393
Document number: DS37022 Rev. 2 - 2
5 of 13
www.diodes.com
August 2015
© Diodes Incorporated
LMV331/ LMV393
Typical Performance Characteristics (continued) (@ TA = +25°C, unless otherwise specified.)
Propagation Delay vs. Temperature
Propagation Delay vs. Input Overdrive Voltage
Propagation Delay vs. Load Capacitors
Saturation Voltage vs. Temperature
Output Voltage vs. Output Sink Current
Output Voltage vs. Output Sink Current
0
20
40
60
80
100
120
140
0
100
200
300
400
500
600
700
800
900
1000
T
PLH
to 50%
V
CC
=5V, V
EE
=0V
Input Overdrive Voltage=100mV
R
L
=5.1k
Load Capacitor (pF)
T
PHL
to 50%
T
A
=25
OC
-40
-20
0
20
40
60
80
100
120
100
120
140
160
180
200
220
240
260
280
Temperature (
0C)
V
CC
=5V, I
SINK
=4mA
V
CC
=2.7V, I
SINK
=1mA
-40
-20
0
20
40
60
80
100
120
150
160
170
180
190
200
210
220
230
240
250
260
270
280
290
300
310
320
330
340
350
TPHL to 50%
TPLH to 50%
Temperature (
oC)
V
CC
=5V, V
EE
=0V
Input Overdrive Voltage=100mV
R
L
=5.1k
0
20
40
60
80
100
120
140
160
180
200
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
T
PHL
to 50%
T
PLH
to 50%
V
CC
=5V, V
EE
=0V
R
L
=5.1k
T
A
=25
OC
Input Overdrive Voltage (mV)
0
10
20
30
40
50
60
70
80
90
100
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
Output Sink Current (mA)
V
CC
=5V, V
EE
=0V
T
A
=25
OC
0
5
10
15
20
25
30
35
40
45
50
55
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
2.25
2.50
2.75
Output Sink Current (mA)
V
CC
=2.7V, V
EE
=0
T
A
=25
OC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com