Electronic Components Datasheet Search
  English  ▼

X  

LMV331 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # LMV331
Description  GENERAL PURPOSE LOW VOLTAGE COMPARATOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

LMV331 Datasheet(HTML) 1 Page - Diodes Incorporated

  LMV331 Datasheet HTML 1Page - Diodes Incorporated LMV331 Datasheet HTML 2Page - Diodes Incorporated LMV331 Datasheet HTML 3Page - Diodes Incorporated LMV331 Datasheet HTML 4Page - Diodes Incorporated LMV331 Datasheet HTML 5Page - Diodes Incorporated LMV331 Datasheet HTML 6Page - Diodes Incorporated LMV331 Datasheet HTML 7Page - Diodes Incorporated LMV331 Datasheet HTML 8Page - Diodes Incorporated LMV331 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
LMV331/ LMV393
Document number: DS37022 Rev. 2 - 2
1 of 13
www.diodes.com
August 2015
© Diodes Incorporated
LMV331/ LMV393
GENERAL PURPOSE LOW VOLTAGE COMPARATOR
Description
The LMV331/LMV393 series are low-voltage, (2.7V to 5.5V) single
and dual comparators, which are designed to effectively reduce cost
and space at low-voltage levels.
These devices offer specifications that meet or exceed the familiar
LM331/LM393 devices operating with a lower supply voltage and
consuming a far lower supply current.
The LMV331 is available in 5-Pin SOT353/SOT25 packages that
reduce space on PC boards and portable electronic devices. LMV393
is available in industry standard SOP-8 and MSOP-8 packages.
Features
Guaranteed 2.7V and 5.5V performance
Operating temperature range (-40°C to +125°C)
Low supply current 40 µA/comparator Typ
Input Common Mode Voltage Range includes ground
Open Collector Output for Maximums Flexibility
SOT353, SOT25, MSOP-8, SO-
8: Available in “Green” Molding
Compound (No Br, Sb)
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Pin Assignments
( Top View )
1
2
3
4
5
SOT25/SOT353
VCC
IN-
IN+
V
EE
OUT
-
(Top View)
1
2
3
7
6
5
4
8
SO-8/MSOP-8
1OUT
VCC
2IN-
2IN+
1IN-
1IN+
VEE
2OUT
1
-
-
2
Applications
Mobile Communications
Battery Powered Devices
Notebooks and PDA’s
General Purpose Low-Voltage Applications
General Purpose Portable Devices
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
Schematic Diagram
OUTPUT
VCC
IN-
IN+
VEE
Each Comparator


Similar Part No. - LMV331

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV331 NSC-LMV331 Datasheet
480Kb / 21P
General Purpose, Low Voltage, TinyPack Comparators
logo
Texas Instruments
LMV331 TI-LMV331 Datasheet
534Kb / 17P
GENRAL-PURPOSE LOW-VOLTAGE COMPARATORS
logo
National Semiconductor ...
LMV331 NSC-LMV331 Datasheet
504Kb / 20P
General Purpose, Low Voltage, Tiny Pack Comparators
logo
STMicroelectronics
LMV331 STMICROELECTRONICS-LMV331 Datasheet
479Kb / 12P
General-purpose low voltage comparator
10-Dec-2009
logo
ON Semiconductor
LMV331 ONSEMI-LMV331 Datasheet
916Kb / 21P
Single, Dual, Quad General Purpose, Low Voltage Comparators
October, 2009 ??Rev. 3
More results

Similar Description - LMV331

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM397 NSC-LM397 Datasheet
200Kb / 9P
Single General Purpose Voltage Comparator
LM397 NSC-LM397_06 Datasheet
603Kb / 8P
Single General Purpose Voltage Comparator
logo
BCD Semiconductor Manuf...
AZV331 BCDSEMI-AZV331 Datasheet
384Kb / 14P
SINGLE GENERAL PURPOSE LOW VOLTAGE COMPARATOR
AZV393 BCDSEMI-AZV393 Datasheet
79Kb / 2P
DUAL GENERAL PURPOSE LOW VOLTAGE COMPARATOR
AZV393 BCDSEMI-AZV393_09 Datasheet
1Mb / 16P
DUAL GENERAL PURPOSE LOW VOLTAGE COMPARATOR
logo
STMicroelectronics
LMV331 STMICROELECTRONICS-LMV331 Datasheet
479Kb / 12P
General-purpose low voltage comparator
10-Dec-2009
logo
Texas Instruments
LM397 TI1-LM397_15 Datasheet
859Kb / 19P
Single General-Purpose Voltage Comparator
SM73403 TI1-SM73403 Datasheet
188Kb / 8P
Single General Purpose Voltage Comparator
logo
Diodes Incorporated
AZV331 DIODES-AZV331 Datasheet
461Kb / 15P
SINGLE GENERAL PURPOSE LOW VOLTAGE COMPARATOR
Rev 2
AZV393 DIODES-AZV393 Datasheet
641Kb / 16P
DUAL GENERAL PURPOSE LOW VOLTAGE COMPARATOR
Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com