Electronic Components Datasheet Search
  English  ▼

X  

LMV331 Datasheet(PDF) 10 Page - Diodes Incorporated

Part # LMV331
Description  GENERAL PURPOSE LOW VOLTAGE COMPARATOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

LMV331 Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button LMV331 Datasheet HTML 5Page - Diodes Incorporated LMV331 Datasheet HTML 6Page - Diodes Incorporated LMV331 Datasheet HTML 7Page - Diodes Incorporated LMV331 Datasheet HTML 8Page - Diodes Incorporated LMV331 Datasheet HTML 9Page - Diodes Incorporated LMV331 Datasheet HTML 10Page - Diodes Incorporated LMV331 Datasheet HTML 11Page - Diodes Incorporated LMV331 Datasheet HTML 12Page - Diodes Incorporated LMV331 Datasheet HTML 13Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
LMV331/ LMV393
Document number: DS37022 Rev. 2 - 2
10 of 13
www.diodes.com
August 2015
© Diodes Incorporated
LMV331/ LMV393
Ordering Information
LMV3 XX XX - X
Package
Dual : 93
Single : 31
W5 : SOT25
SE : SOT353
S : SO-8
M8 : MSOP-8
7/13 : Tape & Reel
Packing
Channel
Part Number
Package Code
Packaging
7”/13” Tape and Reel
Quantity
Part Number Suffix
LMV331W5-7
W5
SOT25
3,000/Tape & Reel
-7
LMV331SE-7
SE
SOT353
3,000/Tape & Reel
-7
LMV393S-13
S
SO-8
2,500/Tape & Reel
-13
LMV393M8-13
M8
MSOP-8
2,500/Tape & Reel
-13
Marking Information
(1)
SOT25 and SOT353
1
2
3
5
4
XX Y W X
XX : Identification Code
W : Week : A~Z : 1~26 week;
X : Internal Code
(Top View)
Y : Year : 0~9
a~z : 27~52 week;
z represents 52 and 53 week
(2)
SO-8
LMV393
(Top View)
YY WW X X
Part Number
Logo
8
7
6
5
1
2
3
4
WW : Week : 01~52; 52
YY : Year : 08, 09,10~
X X : Internal Code
represents 52 and 53 week
(3)
MSOP-8
LMV393
( Top View )
Y W X
Part Number
Logo
Y : Year : 0~9
X : Internal Code
8
7
6
5
1
2
3
4
W : Week : A~Z :1~26 week;
a~z : 27~52 week;
z represents 52 and 53 week
Device
Package type
Identification Code
LMV331W5
SOT25
CX
LMV331SE
SOT353
CY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com