Electronic Components Datasheet Search
  English  ▼

X  

LMV331 Datasheet(PDF) 9 Page - Diodes Incorporated

Part # LMV331
Description  GENERAL PURPOSE LOW VOLTAGE COMPARATOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

LMV331 Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button LMV331 Datasheet HTML 5Page - Diodes Incorporated LMV331 Datasheet HTML 6Page - Diodes Incorporated LMV331 Datasheet HTML 7Page - Diodes Incorporated LMV331 Datasheet HTML 8Page - Diodes Incorporated LMV331 Datasheet HTML 9Page - Diodes Incorporated LMV331 Datasheet HTML 10Page - Diodes Incorporated LMV331 Datasheet HTML 11Page - Diodes Incorporated LMV331 Datasheet HTML 12Page - Diodes Incorporated LMV331 Datasheet HTML 13Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
LMV331/ LMV393
Document number: DS37022 Rev. 2 - 2
9 of 13
www.diodes.com
August 2015
© Diodes Incorporated
LMV331/ LMV393
Typical Application Circuit
+VIN
Basic Comparator
Vcc
5.1K
Ω
Vo
+
-
+VREF
LMV331/393
+VIN
Driving CMOS/TTL
5V
10K
Ω
Vo
+
-
+VREF
LMV331/393
t0
t1
1N914
10K
Ω
One-Shot Multivibrator
VCC
Vo
+
-
1M
Ω
1M
Ω
0
+
t0
100pF
1M
Ω
1N914
0.001uF
PW
VCC
1ms
0
100K
Ω
100K
Ω
75pF
+
-
VCC
Vo
4.3K
Ω
100K
Ω
Squarewave Oscillator
VCC
0
100K
Ω
VCC
1:100KHz
+
-
VCC
Vo
3K
Ω
1M
Ω
1M
Ω
1M
Ω
+VIN
Inverting Comparator with
Hysteresis
VCC
+
-
VCC
Vo
3K
Ω
10M
Ω
10K
Ω
+VREF
Non-Inverting Comparator with
Hysteresis
+VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com