Electronic Components Datasheet Search
  English  ▼

X  

LMV331 Datasheet(PDF) 11 Page - Diodes Incorporated

Part # LMV331
Description  GENERAL PURPOSE LOW VOLTAGE COMPARATOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

LMV331 Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button LMV331 Datasheet HTML 5Page - Diodes Incorporated LMV331 Datasheet HTML 6Page - Diodes Incorporated LMV331 Datasheet HTML 7Page - Diodes Incorporated LMV331 Datasheet HTML 8Page - Diodes Incorporated LMV331 Datasheet HTML 9Page - Diodes Incorporated LMV331 Datasheet HTML 10Page - Diodes Incorporated LMV331 Datasheet HTML 11Page - Diodes Incorporated LMV331 Datasheet HTML 12Page - Diodes Incorporated LMV331 Datasheet HTML 13Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
LMV331/ LMV393
Document number: DS37022 Rev. 2 - 2
11 of 13
www.diodes.com
August 2015
© Diodes Incorporated
LMV331/ LMV393
Package Outline Dimensions (All dimensions in mm.)
Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for the latest version.
(1)
Package Type: SOT25
(2)
Package Type: SOT353
SOT25
Dim
Min
Max Typ
A
0.35
0.50 0.38
B
1.50
1.70 1.60
C
2.70
3.00 2.80
D

 0.95
H
2.90
3.10 3.00
J
0.013 0.10 0.05
K
1.00
1.30 1.10
L
0.35
0.55 0.40
M
0.10
0.20 0.15
N
0.70
0.80 0.75

0°
8°

All Dimensions in mm
SOT353
Dim
Min
Max
Typ
A
0.10
0.30
0.25
B
1.15
1.35
1.30
C
2.00
2.20
2.10
D
0.65 Typ
F
0.40
0.45 0.425
H
1.80
2.20
2.15
J
0
0.10
0.05
K
0.90
1.00
1.00
L
0.25
0.40
0.30
M
0.10
0.22
0.11

0°
8°
-
All Dimensions in mm
A
M
J
L
D
B C
H
K
N
A
M
J
L
D
B C
H
K
F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com