Electronic Components Datasheet Search
  English  ▼

X  

S24CS64A Datasheet(PDF) 30 Page - Seiko Instruments Inc

Part # S24CS64A
Description  S24CS64A
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S24CS64A Datasheet(HTML) 30 Page - Seiko Instruments Inc

Back Button S24CS64A Datasheet HTML 26Page - Seiko Instruments Inc S24CS64A Datasheet HTML 27Page - Seiko Instruments Inc S24CS64A Datasheet HTML 28Page - Seiko Instruments Inc S24CS64A Datasheet HTML 29Page - Seiko Instruments Inc S24CS64A Datasheet HTML 30Page - Seiko Instruments Inc S24CS64A Datasheet HTML 31Page - Seiko Instruments Inc S24CS64A Datasheet HTML 32Page - Seiko Instruments Inc S24CS64A Datasheet HTML 33Page - Seiko Instruments Inc S24CS64A Datasheet HTML 34Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 44 page
background image
2ワイヤ CMOS シリアルE2PROM
S-24CS64A
Rev.3.0_00
セイコーインスツル株式会社
30
1.13 入力リーク電流(ILI)
 周囲温度(Ta)
1.14 出力リーク電流(ILO)
 周囲温度(Ta)
1.0
0.5
VCC
=5.5 V
0
ILI
(
µA)
Ta (
°C)
–40
0
85
SDA, SCL, WP
=5.5 V
1.0
0.5
VCC
=5.5 V
SDA
=0 V
0
ILO
(
µA)
Ta (
°C)
–40
0
85
1.15 出力リーク電流(ILO)
 周囲温度(Ta)
1.16 低レベル出力電圧(VOL)
 低レベル出力電流(IOL)
1.0
0.5
VCC
=5.5 V
SDA
=5.5 V
0
ILO
(
µA)
Ta (
°C)
–40
0
85
0.3
0.2
VOL
(V)
0.1
0
2
1
3 4 5 6
Ta
=−40°C
IOL (mA)
VCC
=1.8 V
VCC
=5.0 V
1.17 低レベル出力電圧(VOL)
 低レベル出力電流(IOL)
1.18 低レベル出力電圧(VOL)
 低レベル出力電流(IOL)
0.3
0.2
VOL
(V)
0.1
0
2
1
3 4 5 6
Ta
=25°C
IOL (mA)
VCC
=1.8 V
VCC
=5.0 V
0.3
0.2
VOL
(V)
0.1
0
2
1
3 4 5 6
Ta
=85°C
IOL (mA)
VCC
=1.8 V
VCC
= 5.0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com