Electronic Components Datasheet Search
  English  ▼

X  

S24CS64A Datasheet(PDF) 34 Page - Seiko Instruments Inc

Part # S24CS64A
Description  S24CS64A
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S24CS64A Datasheet(HTML) 34 Page - Seiko Instruments Inc

Back Button S24CS64A Datasheet HTML 30Page - Seiko Instruments Inc S24CS64A Datasheet HTML 31Page - Seiko Instruments Inc S24CS64A Datasheet HTML 32Page - Seiko Instruments Inc S24CS64A Datasheet HTML 33Page - Seiko Instruments Inc S24CS64A Datasheet HTML 34Page - Seiko Instruments Inc S24CS64A Datasheet HTML 35Page - Seiko Instruments Inc S24CS64A Datasheet HTML 36Page - Seiko Instruments Inc S24CS64A Datasheet HTML 37Page - Seiko Instruments Inc S24CS64A Datasheet HTML 38Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 44 page
background image
2ワイヤ CMOS シリアルE2PROM
S-24CS64A
Rev.3.0_00
セイコーインスツル株式会社
34
■
品目コードの構成
1. 8-Pin SOP(JEDEC)、8-Pin TSSOPの場合
S-24CS64A
0I
- xxxx
G
パッケージ略号と
IC の梱包仕様
J8T1: 8-Pin SOP (JEDEC) 、テープ品
T8T1: 8-Pin TSSOP、テープ品
固定
製品名
S-24CS64A: 64 K ビット
2. WLP-8Cの場合
S-24CS64A
0I
- xxxx
パッケージ略号と
IC の梱包仕様
H8T1: WLP-8C、テープ品
固定
製品名
S-24CS64A: 64 K ビット



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com