Electronic Components Datasheet Search
  English  ▼

X  

XC6803 Datasheet(PDF) 9 Page - Torex Semiconductor

Part # XC6803
Description  One Cell Li-ion/Li-polymer Linear Charger IC with Battery Temperature Detection
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6803 Datasheet(HTML) 9 Page - Torex Semiconductor

Back Button XC6803 Datasheet HTML 5Page - Torex Semiconductor XC6803 Datasheet HTML 6Page - Torex Semiconductor XC6803 Datasheet HTML 7Page - Torex Semiconductor XC6803 Datasheet HTML 8Page - Torex Semiconductor XC6803 Datasheet HTML 9Page - Torex Semiconductor XC6803 Datasheet HTML 10Page - Torex Semiconductor XC6803 Datasheet HTML 11Page - Torex Semiconductor XC6803 Datasheet HTML 12Page - Torex Semiconductor XC6803 Datasheet HTML 13Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
9/25
XC6803
Series
■
OPERATIONAL EXPLANATION (Continued)
●
IC temperature monitoring function
In order to prevent destruction due to IC heat generation as well as abnormal charging due to thermal runaway, a thermal shutdown
circuit is incorporated into the IC. If the chip temperature rises to 140°C or higher and after 50ms elapses, the output driver is turned off and
charging is stopped. At this time, the charge status output pin repeats ON-OFF at 1kHz on the XC6803A, and turns off on the XC6803B.
When voltage is reapplied to the power input pin or the Li-ion battery is reconnected to the BAT pin, the IC starts up and charging begins.
●
Dropout voltage monitoring function
To prevent reverse current from the Li-ion battery to the battery charger, this function monitors the dropout voltage between the BAT pin
voltage (VBAT) and power input pin voltage (VIN). When VIN drops to VBAT + 40mV, the output driver turns OFF and the driver backgate
connection is changed from the power input pin to the BAT pin. After 50ms elapse, the charge status output pin repeats ON-OFF at 1kHz
on the XC6803A and turns off on the XC6803B. After charging is completed, the charge status output pin maintains the OFF state even if
this function is activated by diconnection of the input power or otherwise. When VIN rises higher than VBAT + 0.1V, the function is released,
the ouput driver turns ON, the driver backgate connects to the power pin and resumes charging, and the charge status output pin turns ON.
The tTRK count and tCHG count continue even while charging is stopped.
●
UVLO function
A UVLO function is incorporated. If the power input voltage, Vin falls to 3.8V or lower during charging, this function turns off the output
driver and stops charging. In addition, charge status output pin changes to off. When the Vin rises to 4V or higher, the IC starts up and
charging begins. This function also detects voltage application to the power input pin.
●
Charge over-voltage monitoring function
To prevent charging of a battery in the over-voltage state, charging is stopped after 50ms when the BAT pin voltage rises to 4.45V or
higher. At this time, the charge status output pin repeats ON-OFF at 1kHz on the XC6803A, and turns off on the XC6803B. When voltage is
reapplied to the power input pin or the Li ion battery is reconnected to the BAT pin, the IC starts up and charging begins.
●
Charge over-current monitoring function
To prevent charging of a battery by excessive current, this function stops charging if the charge current rises to 600mA or higher. At this
time, the charge status output pin repeats ON-OFF at 1kHz on the XC6803A, and turns off on the XC6803B. When voltage is reapplied to
the power input pin or the Li ion battery is reconnected to the BAT pin, the IC starts up and charging begins.
●
Recharge function
If the NTC thermistor temperature is 0°C to under 45°C in the charging completed state and 50ms elapse after the BAT pin voltage VBAT
drops to 3.9V or less, the IC enters the charging start state (charging resumes 150ms after the charging start state).
On the XC6803x4, charging automatically resumes if VBAT drops below 3.75V when the NTC thermistor temperature is over 45°C and less
than 60°C. This function only operates on the XC6803xxE, not on the XC6803xxD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com