Electronic Components Datasheet Search
  English  ▼

X  

XC6803 Datasheet(PDF) 14 Page - Torex Semiconductor

Part # XC6803
Description  One Cell Li-ion/Li-polymer Linear Charger IC with Battery Temperature Detection
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6803 Datasheet(HTML) 14 Page - Torex Semiconductor

Back Button XC6803 Datasheet HTML 10Page - Torex Semiconductor XC6803 Datasheet HTML 11Page - Torex Semiconductor XC6803 Datasheet HTML 12Page - Torex Semiconductor XC6803 Datasheet HTML 13Page - Torex Semiconductor XC6803 Datasheet HTML 14Page - Torex Semiconductor XC6803 Datasheet HTML 15Page - Torex Semiconductor XC6803 Datasheet HTML 16Page - Torex Semiconductor XC6803 Datasheet HTML 17Page - Torex Semiconductor XC6803 Datasheet HTML 18Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
14/25
XC6803 Series
■TYPICAL PERFORMANCE CHARACTERISTICS
(Continued)
(6) CV Charge Voltage vs. Charge Current (Normal Operation)
(7) CV Charge Voltage vs. Charge Current (Hot Operation)
(8) Battey Charge Current vs. BAT Pin Voltage
(R
ISET = 100 kΩ, Normal Operation)
(9) Battey Charge Current vs. BAT Pin Voltage
(R
ISET = 100 kΩ, Cold Operation)
(10) Battey Charge Current vs. BAT Pin Voltage
(R
ISET = 20 kΩ, Normal Operation)
(11) Battey Charge Current vs. BAT Pin Voltage
(R
ISET = 20 kΩ, Cold Operation)
01
234
0
10
20
30
40
50
BAT Pin Voltage: VBAT [V]
Ta = -40 °C
Ta = 25 °C
Ta = 85 °C
VIN = 5.0 V, VTHIN = 1.0 V
01
23
4
0
10
20
30
40
50
BAT Pin Voltage: VBAT [V]
Ta = -40 °C
Ta = 25 °C
Ta = 85 °C
VIN = 5.0 V, VTHIN = 1.4 V
012
34
0
50
100
150
200
BAT Pin Voltage: VBAT [V]
Ta = -40 °C
Ta = 25 °C
Ta = 85 °C
VIN = 5.0 V, VTHIN = 1.0 V
01
23
4
0
50
100
150
200
BAT Pin Voltage: VBAT [V]
Ta = -40 °C
Ta = 25 °C
Ta = 85 °C
VIN = 5.0 V, VTHIN = 1.4 V
0
100
200
300
4.1
4.15
4.2
4.25
4.3
Battery Charge Current: IBAT [mA]
Ta = -40 °C
Ta = 25 °C
Ta = 85 °C
VIN = 5.0 V
VTHIN = 1.0 V
VISET = 0.5 V
0
100
200
300
3.95
4
4.05
4.1
4.15
Battery Charge Current: IBAT [mA]
Ta = -40 °C
Ta = 25 °C
Ta = 85 °C
VIN = 5.0 V
VTHIN = 0.6 V
VISET = 0.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com