Electronic Components Datasheet Search
  English  ▼

X  

XC6803 Datasheet(PDF) 24 Page - Torex Semiconductor

Part # XC6803
Description  One Cell Li-ion/Li-polymer Linear Charger IC with Battery Temperature Detection
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6803 Datasheet(HTML) 24 Page - Torex Semiconductor

Back Button XC6803 Datasheet HTML 17Page - Torex Semiconductor XC6803 Datasheet HTML 18Page - Torex Semiconductor XC6803 Datasheet HTML 19Page - Torex Semiconductor XC6803 Datasheet HTML 20Page - Torex Semiconductor XC6803 Datasheet HTML 21Page - Torex Semiconductor XC6803 Datasheet HTML 22Page - Torex Semiconductor XC6803 Datasheet HTML 23Page - Torex Semiconductor XC6803 Datasheet HTML 24Page - Torex Semiconductor XC6803 Datasheet HTML 25Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 24 / 25 page
background image
24/25
XC6803 Series
■
MARKING RULE
①
represents product series
②
represents charge status output on abnormal mode
③
represents battery temperature monitor function and recharge function
④
,⑤ represents production lot number
01 to 09, 0A to 0Z, 11 to 9Z, A1 to A9, AA to AZ, B1 to ZZ repeated
(G, I, J, O, Q, W excluded)
*No character inversion used.
MARK
PRODUCT SERIES
3
XC6803******-G
MARK
PRODUCT SERIES
0
XC6803A*****-G
1
XC6803B*****-G
MARK
Charge Status Output
on Abnormal Mode
Battery Temperature
Monitor Function
PRODUCT SERIES
H
2 Temperature Monitor
Enable
XC6803*2E**-G
F
2 Temperature Monitor
Disable
XC6803*2D**-G
E
3 Temperature Monitor
Enable
XC6803*3E**-G
D
3 Temperature Monitor
Disable
XC6803*3D**-G
C
4 Temperature Monitor
Enable
XC6803*4E**-G
B
4 Temperature Monitor
Disable
XC6803*4D**-G
1
2
3
6
5
4
●
USP-6EL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com