Electronic Components Datasheet Search
  English  ▼

X  

XC6803 Datasheet(PDF) 13 Page - Torex Semiconductor

Part # XC6803
Description  One Cell Li-ion/Li-polymer Linear Charger IC with Battery Temperature Detection
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6803 Datasheet(HTML) 13 Page - Torex Semiconductor

Back Button XC6803 Datasheet HTML 9Page - Torex Semiconductor XC6803 Datasheet HTML 10Page - Torex Semiconductor XC6803 Datasheet HTML 11Page - Torex Semiconductor XC6803 Datasheet HTML 12Page - Torex Semiconductor XC6803 Datasheet HTML 13Page - Torex Semiconductor XC6803 Datasheet HTML 14Page - Torex Semiconductor XC6803 Datasheet HTML 15Page - Torex Semiconductor XC6803 Datasheet HTML 16Page - Torex Semiconductor XC6803 Datasheet HTML 17Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
13/25
XC6803
Series
■TYPICAL PERFORMANCE CHARACTERISTICS
(1)
CC Charge Current vs. External Resistor (Normal Operation)
(2)
CC Charge Current vs. Ambient Temperature (Normal Operation)
(3)
CC Charge Current vs. Ambient Temperature (Cold Operation)
(4)
Tricle Charge Current vs. Ambient Temperature
(5)
Charge Completion Current vs. Ambient Temperature
-50
-25
0
25
50
75
100
70
75
80
85
90
Ambient Temperature: Ta [°C]
VIN = 5.0 V, VBAT = 3.7 V
VTHIN = 1.4 V, RISET = 20 kΩ
-50
-25
0
25
50
75
100
15
16
17
18
19
Ambient Temperature: Ta [°C]
VIN = 5.0 V, VBAT = 2.7 V
VTHIN = 1.0 V, RISET = 20 kΩ
0
50
100
150
200
250
300
0
20
40
60
80
100
120
CC Charge Current: IBAC [mA]
Ta = -40 °C
Ta = 25 °C
Ta = 85 °C
VIN = 5.0 V, VBAT = 3.7 V
VTHIN = 1.0 V
-50
-25
0
25
50
75
100
150
160
170
180
190
Ambient Temperature: Ta [°C]
VIN = 5.0 V, VBAT = 3.7 V
VTHIN = 1.0 V, RISET = 20 kΩ
-50
-25
0
25
50
75
100
10
15
20
25
30
Ambient Temperature: Ta [°C]
VIN = 5.0 V, VTHIN = 1.0 V
RISET = 20 kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com