Electronic Components Datasheet Search
  English  ▼

X  

XC6803 Datasheet(PDF) 19 Page - Torex Semiconductor

Part # XC6803
Description  One Cell Li-ion/Li-polymer Linear Charger IC with Battery Temperature Detection
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6803 Datasheet(HTML) 19 Page - Torex Semiconductor

Back Button XC6803 Datasheet HTML 15Page - Torex Semiconductor XC6803 Datasheet HTML 16Page - Torex Semiconductor XC6803 Datasheet HTML 17Page - Torex Semiconductor XC6803 Datasheet HTML 18Page - Torex Semiconductor XC6803 Datasheet HTML 19Page - Torex Semiconductor XC6803 Datasheet HTML 20Page - Torex Semiconductor XC6803 Datasheet HTML 21Page - Torex Semiconductor XC6803 Datasheet HTML 22Page - Torex Semiconductor XC6803 Datasheet HTML 23Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
19/25
XC6803
Series
■TYPICAL PERFORMANCE CHARACTERISTICS
(Continued)
(36) Thermistor Detection at 10°C vs. Ambient Temperature
(37) Thermistor Detection Hysteresis at 10°C vs. Ambient Temperature
(38) Thermistor Detection at 45°C vs. Ambient Temperature
(39) Thermistor Detection Hysteresis at 45°C vs. Ambient Temperature
(40) Thermistor Detection at 60°C vs. Ambient Temperature
(41) Thermistor Detection Hysteresis at 60°C vs. Ambient Temperature
62
63
64
65
66
67
-50-25
0
25
50
75100
Ambient Temperature: Ta [°C]
VIN = 5.0 V
-50
-25
0
25
50
75
100
1.5
2
2.5
3
3.5
Ambient Temperature: Ta [°C]
VIN = 5.0 V
30
31
32
33
34
35
-50
-25
0
25
50
75
100
Ambient Temperature: Ta [°C]
VIN = 5.0 V
0
1
2
3
4
5
-50-25
0
25
50
75100
Ambient Temperature: Ta [°C]
VIN = 5.0 V
-50
-25
0
25
50
75
100
21
22
23
24
25
26
Ambient Temperature: Ta [°C]
VIN = 5.0 V
-50
-25
0
25
50
75
100
0
0.5
1
1.5
2
2.5
3
Ambient Temperature: Ta [°C]
VIN = 5.0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com