Electronic Components Datasheet Search
  English  ▼

X  

PAM8013 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # PAM8013
Description  3W MONO CLASS D AUDIO AMPLIFIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM8013 Datasheet(HTML) 4 Page - Diodes Incorporated

  PAM8013 Datasheet HTML 1Page - Diodes Incorporated PAM8013 Datasheet HTML 2Page - Diodes Incorporated PAM8013 Datasheet HTML 3Page - Diodes Incorporated PAM8013 Datasheet HTML 4Page - Diodes Incorporated PAM8013 Datasheet HTML 5Page - Diodes Incorporated PAM8013 Datasheet HTML 6Page - Diodes Incorporated PAM8013 Datasheet HTML 7Page - Diodes Incorporated PAM8013 Datasheet HTML 8Page - Diodes Incorporated PAM8013 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
PAM8013/PAM8015
Document number: DS36979 Rev. 2 - 2
4 of 9
www.diodes.com
May 2014
© Diodes Incorporated
PAM8013/PAM8015
A PRODUCT LINE OF
DIODES INCORPORATED
Performance Characteristics (@TA = +25°C, VDD = 5V, Gain = 18dB, R
L = L(33μH)+R+L(33μH), unless otherwise noted.)
THD+N Vs. Output Power (RL = 4Ω)
THD+N Vs. Output Power (RL = 8Ω)
THD+N vs. Frequency
PSRR vs. Frequency
Frequency Response
Noise Floor
-0
+24
+2
+4
+6
+8
+10
+12
+14
+16
+18
+20
+22
d
B
g
A
20
20 k
50
100
200
500
1k
2 k
5k
10k
Hz
0. 0 1
10
0. 0 2
0. 0 5
0. 1
0. 2
0. 5
1
2
5
%
20
20 k
50
1 0 0
2 0 0
5 0 0
1 k
2 k
5 k
10k
Hz
0.04
20
0.1
0.2
0.5
1
2
5
10
%
1m
3
2m
5m
10m
20m
50m
100m
200m
500m
1
2
W
0.06
20
0.1
0.2
0.5
1
2
5
10
%
1m
5
2m
5m
10m
20m
50m
100 m
200m
500m
1
2
W
-80
+0
-75
-70
-65
-60
-55
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
d
B
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
T
VDD = 5.0V/3.6V
VDD = 5.0V/3.6V
VDD = 5.0V/3.6V
PO = 300mW
-150
+0
-140
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
d
B
r
A
20
20k
50
100
200
500
1k
2k
5k
10k
Hz



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com