Electronic Components Datasheet Search
  English  ▼

X  

PAM8013 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # PAM8013
Description  3W MONO CLASS D AUDIO AMPLIFIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM8013 Datasheet(HTML) 3 Page - Diodes Incorporated

  PAM8013 Datasheet HTML 1Page - Diodes Incorporated PAM8013 Datasheet HTML 2Page - Diodes Incorporated PAM8013 Datasheet HTML 3Page - Diodes Incorporated PAM8013 Datasheet HTML 4Page - Diodes Incorporated PAM8013 Datasheet HTML 5Page - Diodes Incorporated PAM8013 Datasheet HTML 6Page - Diodes Incorporated PAM8013 Datasheet HTML 7Page - Diodes Incorporated PAM8013 Datasheet HTML 8Page - Diodes Incorporated PAM8013 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
PAM8013/PAM8015
Document number: DS36979 Rev. 2 - 2
3 of 9
www.diodes.com
May 2014
© Diodes Incorporated
PAM8013/PAM8015
A PRODUCT LINE OF
DIODES INCORPORATED
Electrical Characteristics (@TA = +25°C, VDD = 5V, Gain = 18dB, RL = L(33μH)+R+L(33μH), unless otherwise noted.)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VDD
Supply Voltage
2.8
5.5
V
Po
Output Power
THD+N = 10%, f = 1kHz, R = 4Ω
VDD = 5.0V
3.0
W
VDD = 3.6V
1.5
VDD = 3.2V
1.2
THD+N = 1%, f = 1kHz, R = 4Ω
VDD = 5.0V
2.4
W
VDD = 3.6V
1.25
VDD = 3.2V
1.0
THD+N = 10%, f = 1kHz, R = 8Ω
VDD = 5.0V
1.75
W
VDD = 3.6V
0.90
VDD = 3.2V
0.70
THD+N = 1%, f = 1kHz, R = 8Ω
VDD = 5.0V
1.40
W
VDD = 3.6V
0.72
VDD = 3.2V
0.60
THD+N
Total Harmonic
Distortion Plus
Noise
VDD = 5.0V, PO = 1W, R = 8Ω
f = 1kHz
0.17
%
VDD = 3.6V, PO = 0.1W, R = 8Ω
0.16
VDD = 3.2V, PO = 0.1W, R = 8Ω
0.14
VDD = 5.0V, PO = 0.5W, R = 4Ω
f = 1kHz
0.14
%
VDD = 3.6V, PO = 0.2W, R = 4Ω
0.16
VDD = 3.2V, PO = 0.1W, R = 4Ω
0.17
PSRR
Power Supply Ripple
Rejection
VDD = 3.6V, Inputs ac-grounded
with C = 1μF
f = 217Hz
-68
dB
f = 1kHz
-70
f = 10kHz
-67
Dyn
Dynamic Range
VDD = 5V,THD = 1%, R = 8Ω
f = 1kHz
95
dB
Vn
Output Noise
Inputs AC-grounded
No A weighting
170
μV
A-weighting
130
η
Efficiency
RL= 8Ω, THD = 10%
f = 1kHz
93
%
RL= 4Ω, THD = 10%
86
IQ
Quiescent Current
VDD = 5V
No Load
5
mA
Isd
Shutdown Current
VDD = 2.8V to 5V
SD = 0V
1
μA
Rdson
Static Drain-to Source
On-state Resistor
High Side PMOS, I = 500mA
VDD = 5.0V
325
mΩ
Low Side NMOS, I = 500mA
VDD = 5.0V
200
mΩ
fsw
Switching Frequency
VDD = 2.8V to 5V
400
kHz
Gv
Closed-loop Gain
VDD = 2.8V to 5V
300K/RIN
V/V
RIN
Input Impedance
VDD = 2.8V to 5V
28.5
KΩ
Vos
Output Offset Voltage
Input AC-ground, VDD = 5V
20
mV
VIH
SD Input High Voltage
VDD = 5V
1.4
V
VIL
SD Input Low Voltage
VDD = 5V
1.0



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com