Electronic Components Datasheet Search
  English  ▼

X  

PAM8013 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # PAM8013
Description  3W MONO CLASS D AUDIO AMPLIFIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM8013 Datasheet(HTML) 5 Page - Diodes Incorporated

  PAM8013 Datasheet HTML 1Page - Diodes Incorporated PAM8013 Datasheet HTML 2Page - Diodes Incorporated PAM8013 Datasheet HTML 3Page - Diodes Incorporated PAM8013 Datasheet HTML 4Page - Diodes Incorporated PAM8013 Datasheet HTML 5Page - Diodes Incorporated PAM8013 Datasheet HTML 6Page - Diodes Incorporated PAM8013 Datasheet HTML 7Page - Diodes Incorporated PAM8013 Datasheet HTML 8Page - Diodes Incorporated PAM8013 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
PAM8013/PAM8015
Document number: DS36979 Rev. 2 - 2
5 of 9
www.diodes.com
May 2014
© Diodes Incorporated
PAM8013/PAM8015
A PRODUCT LINE OF
DIODES INCORPORATED
Performance Characteristics (cont.) (@TA = +25°C, VDD = 5V, Gain = 18dB, R
L = L(33μH)+R+L(33μH), unless otherwise noted.)
Efficiency vs. Output Power (RL = 4Ω)
Efficiency vs. Output Power (RL = 8Ω)
Quiescent Current Vs. Supply Voltage
OSC Frequency Vs. Supply Voltage
Start-up Response
Shutdown Response



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com