Electronic Components Datasheet Search
  English  ▼

X  

PAM8013 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # PAM8013
Description  3W MONO CLASS D AUDIO AMPLIFIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM8013 Datasheet(HTML) 2 Page - Diodes Incorporated

  PAM8013 Datasheet HTML 1Page - Diodes Incorporated PAM8013 Datasheet HTML 2Page - Diodes Incorporated PAM8013 Datasheet HTML 3Page - Diodes Incorporated PAM8013 Datasheet HTML 4Page - Diodes Incorporated PAM8013 Datasheet HTML 5Page - Diodes Incorporated PAM8013 Datasheet HTML 6Page - Diodes Incorporated PAM8013 Datasheet HTML 7Page - Diodes Incorporated PAM8013 Datasheet HTML 8Page - Diodes Incorporated PAM8013 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
PAM8013/PAM8015
Document number: DS36979 Rev. 2 - 2
2 of 9
www.diodes.com
May 2014
© Diodes Incorporated
PAM8013/PAM8015
A PRODUCT LINE OF
DIODES INCORPORATED
Pin Descriptions
Pin Name
PAM8013
PAM8015
Function
IN+
A1
A1
Positive Differential Input
GND
A2
B1/B2
Ground
OUT-
A3
A3
Negative BTL output
VDD
B1
Power Supply
PVDD
B2
A2
Power Supply
PGND
B3
B3
Power Ground
IN-
C1
C1
Negative Differential Input
SD
C2
C2
SD Terminal to Disable the Chip
OUT+
C3
C3
Positive BTL Output
Functional Block Diagram
SD
+
-
PWM
Modulator
SD
UVLO
Startup
Protection
OSC
Bias and
Vref
Gate
Drive
Gate
Drive
SC
Protect
OTP
IN+
IN-
PVDD
OUT+
OUT-
GND
VDD
(PAM8013)
Absolute Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Parameter
Rating
Unit
Supply Voltage (VDD)
6.0
V
Input Voltage(IN+, IN-, SD)
-0.3 to VDD+0.3
V
Storage Temperature
-65 to +150
°C
Maximum Junction Temperature
150
°C
Recommended Operating Conditions (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Min
Max
Unit
VDD
Supply Voltage
2.8
5.5
V
TA
Operating Ambient Temperature Range
-25
85
°C
TJ
Junction Temperature
-40
+125
°C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com