Electronic Components Datasheet Search
  English  ▼

X  

PAM8013 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # PAM8013
Description  3W MONO CLASS D AUDIO AMPLIFIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM8013 Datasheet(HTML) 1 Page - Diodes Incorporated

  PAM8013 Datasheet HTML 1Page - Diodes Incorporated PAM8013 Datasheet HTML 2Page - Diodes Incorporated PAM8013 Datasheet HTML 3Page - Diodes Incorporated PAM8013 Datasheet HTML 4Page - Diodes Incorporated PAM8013 Datasheet HTML 5Page - Diodes Incorporated PAM8013 Datasheet HTML 6Page - Diodes Incorporated PAM8013 Datasheet HTML 7Page - Diodes Incorporated PAM8013 Datasheet HTML 8Page - Diodes Incorporated PAM8013 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
PAM8013/PAM8015
Document number: DS36979 Rev. 2 - 2
1 of 9
www.diodes.com
May 2014
© Diodes Incorporated
PAM8013/PAM8015
A PRODUCT LINE OF
DIODES INCORPORATED
3W MONO CLASS D AUDIO AMPLIFIER
Description
The PAM8013/PAM8015 is a 3W mono filter-less class-D amplifier
with high PSRR and differential input that eliminate noise and
RF rectification.
Features like greater than 90% efficiency and small PCB area make
the PAM8013/PAM8015 Class-D amplifier ideal for portable
applications. The output uses a filter-less architecture minimizing the
number of external components and PCB area whilst providing a high
performance, simple and lower cost system.
The PAM8013/PAM8015 features short circuit protection and thermal
shutdown.
The PAM8013/PAM8015 is available in U-FLGA1515-9 packages.
Features
•
Ultra Low EMI, -20dB Better Than FCC Class-B @ 300MHz
•
High Efficiency up to 90% @1W with an 8Ω Speaker
•
Shutdown Current <1μA
•
3W@10% THD Output with a 4Ω Load at 5V Supply
•
Demanding Few External Components
•
Superior Low Noise without Input
•
Supply Voltage from 2.8V to 5.5V
•
Short Circuit Protection
•
Thermal Shutdown
•
Available in Space Saving U-FLGA1515-9 Packages
•
Pb-Free Package
Pin Assignments
IN+
GND
OUT-
VDD
PVDD
PGND
A1
A2
A3
B1
B2
B3
IN-
SD
OUT+
C1
C2
C3
U-FLGA1515-9
PAM8013
IN+
PVDD
OUT-
GND
GND
PGND
A1
A2
A3
B1
B2
B3
IN-
SD
OUT+
C1
C2
C3
PAM8015
Applications
•
Cellular Phones/Smart Phones
•
MP4/MP3
•
GPS
•
Digital Photo Frame
•
Electronic Dictionary
•
Portable Game Machines
Typical Applications Circuit
OU T-
OU T+
V D D (PA M 8 01 3)
0.1 F
μ
VI N
GN D
IN +
IN -
SD
0.1 F
μ
1F
μ
PVD D
PGN D
V DD
SD


Similar Part No. - PAM8013

ManufacturerPart #DatasheetDescription
logo
Power Analog Micoelectr...
PAM8010 PAM-PAM8010 Datasheet
1Mb / 17P
3W Stereo Class-D with DC Volume, Headphone and Power Limit
logo
Diodes Incorporated
PAM8010 DIODES-PAM8010 Datasheet
574Kb / 17P
3W STEREO CLASS-D DC VOLUME, HEADPHONE and POWER LIMIT
Rev 1
logo
Power Analog Micoelectr...
PAM8010DHR PAM-PAM8010DHR Datasheet
1Mb / 17P
3W Stereo Class-D with DC Volume, Headphone and Power Limit
logo
Diodes Incorporated
PAM8010DHR DIODES-PAM8010DHR Datasheet
574Kb / 17P
3W STEREO CLASS-D DC VOLUME, HEADPHONE and POWER LIMIT
Rev 1
logo
Power Analog Micoelectr...
PAM8010NHR PAM-PAM8010NHR Datasheet
1Mb / 17P
3W Stereo Class-D with DC Volume, Headphone and Power Limit
More results

Similar Description - PAM8013

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31AP2006 ISSI-IS31AP2006 Datasheet
332Kb / 14P
3W MONO FILTER-LESS CLASS-D AUDIO POWER AMPLIFIER
logo
Anpec Electronics Corop...
APA2010B ANPEC-APA2010B Datasheet
542Kb / 19P
3W Mono Class-D Audio Power Amplifier
APA2012 ANPEC-APA2012 Datasheet
344Kb / 19P
3W Mono Class-D Audio Power Amplifier
logo
Monolithic Power System...
MP1740 MPS-MP1740 Datasheet
311Kb / 11P
3W HIGH EFFICIENCY MONO CLASS-D AUDIO AMPLIFIER
logo
Diodes Incorporated
PAM8304 DIODES-PAM8304 Datasheet
413Kb / 11P
3W MONO CLASS D AUDIO AMPLIFIER
Rev 1
logo
Integrated Silicon Solu...
IS31AP2006-DLS2-TR ISSI-IS31AP2006-DLS2-TR Datasheet
349Kb / 17P
3W MONO FILTER-LESS CLASS-D AUDIO POWER AMPLIFIER
logo
Lowpower Semiconductor ...
LPA2010 POWER-LPA2010 Datasheet
543Kb / 9P
Filterless 3W Class- D Mono Audio Amplifier
logo
Anpec Electronics Corop...
APA2012 ANPEC-APA2012_18 Datasheet
293Kb / 19P
3W Mono Class-D Audio Power Amplifier
logo
List of Unclassifed Man...
NS4150 ETC1-NS4150 Datasheet
1Mb / 15P
Low EMI,Filterless,3W Mono Class D Audio Amplifier
logo
Lowpower Semiconductor ...
LPA2104A POWER-LPA2104A Datasheet
390Kb / 9P
Filterless 3W Class- D Mono Audio Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com