Electronic Components Datasheet Search
  English  ▼

X  

AD5243 Datasheet(PDF) 7 Page - Analog Devices

Part # AD5243
Description  Dual, 256-Position, I2C-Compatible Digital Potentiometers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5243 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD5243 Datasheet HTML 3Page - Analog Devices AD5243 Datasheet HTML 4Page - Analog Devices AD5243 Datasheet HTML 5Page - Analog Devices AD5243 Datasheet HTML 6Page - Analog Devices AD5243 Datasheet HTML 7Page - Analog Devices AD5243 Datasheet HTML 8Page - Analog Devices AD5243 Datasheet HTML 9Page - Analog Devices AD5243 Datasheet HTML 10Page - Analog Devices AD5243 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Data Sheet
AD5243/AD5248
Rev. C | Page 7 of 20
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
10
9
8
7
1
2
3
4
B1
A1
W2
W1
B2
A2
SDA
GND
6
5
SCL
VDD
TOP VIEW
AD5243
Figure 4. AD5243 Pin Configuration
10
9
8
7
1
2
3
4
B1
AD0
W2
W1
B2
AD1
SDA
GND
6
5
SCL
VDD
TOP VIEW
AD5248
Figure 5. AD5248 Pin Configuration
Table 5. AD5243 Pin Function Descriptions
Pin
No.
Mnemonic
Description
1
B1
B1 Terminal.
2
A1
A1 Terminal.
3
W2
W2 Terminal.
4
GND
Digital Ground.
5
VDD
Positive Power Supply.
6
SCL
Serial Clock Input. Positive-edge
triggered.
7
SDA
Serial Data Input/Output.
8
A2
A2 Terminal.
9
B2
B2 Terminal.
10
W1
W1 Terminal.
Table 6. AD5248 Pin Function Descriptions
Pin
No.
Mnemonic
Description
1
B1
B1 Terminal.
2
AD0
Programmable Address Bit 0 for Multiple
Package Decoding.
3
W2
W2 Terminal.
4
GND
Digital Ground.
5
VDD
Positive Power Supply.
6
SCL
Serial Clock Input. Positive-edge
triggered.
7
SDA
Serial Data Input/Output.
8
AD1
Programmable Address Bit 1 for Multiple
Package Decoding.
9
B2
B2 Terminal.
10
W1
W1 Terminal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com