Electronic Components Datasheet Search
  English  ▼

X  

AD5243 Datasheet(PDF) 1 Page - Analog Devices

Part # AD5243
Description  Dual, 256-Position, I2C-Compatible Digital Potentiometers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5243 Datasheet(HTML) 1 Page - Analog Devices

  AD5243 Datasheet HTML 1Page - Analog Devices AD5243 Datasheet HTML 2Page - Analog Devices AD5243 Datasheet HTML 3Page - Analog Devices AD5243 Datasheet HTML 4Page - Analog Devices AD5243 Datasheet HTML 5Page - Analog Devices AD5243 Datasheet HTML 6Page - Analog Devices AD5243 Datasheet HTML 7Page - Analog Devices AD5243 Datasheet HTML 8Page - Analog Devices AD5243 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Dual, 256-Position, I2C-Compatible
Digital Potentiometers
Data Sheet
AD5243/AD5248
Rev. C
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2004–2016 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
2-channel, 256-position potentiometers
End-to-end resistance: 2.5 kΩ, 10 kΩ, 50 kΩ, and 100 kΩ
Compact 10-lead MSOP (3 mm × 4.9 mm) package
Fast settling time: tS = 5 µs typical on power-up
Full read/write of wiper register
Power-on preset to midscale
Extra package address decode pins: AD0 and AD1 (AD5248 only)
Computer software replaces microcontroller in factory
programming applications
Single supply: 2.7 V to 5.5 V
Low temperature coefficient: 35 ppm/°C
Low power: IDD = 6 µA maximum
Wide operating temperature: −40°C to +125°C
Evaluation board available
APPLICATIONS
Systems calibrations
Electronics level settings
Mechanical trimmers replacement in new designs
Permanent factory printed circuit board (PCB) setting
Transducer adjustment of pressure, temperature, position,
chemical, and optical sensors
RF amplifier biasing
Gain control and offset adjustment
FUNCTIONAL BLOCK DIAGRAMS
A1
VDD
GND
SDA
SCL
W1
WIPER
REGISTER 1
PC INTERFACE
AD5243
B1
A2
W2
WIPER
REGISTER 2
B2
Figure 1. AD5243
VDD
GND
SDA
SCL
AD0
AD1
W1
RDAC
REGISTER 1
ADDRESS
DECODE
SERIAL INPUT
REGISTER
AD5248
B1
W2
RDAC
REGISTER 2
B2
/ 8
Figure 2. AD5248
GENERAL DESCRIPTION
The AD5243 and AD5248 provide a compact 3 mm × 4.9 mm
packaged solution for dual, 256-position adjustment applications.
The AD5243 performs the same electronic adjustment function
as a 3-terminal mechanical potentiometer, and the AD5248
performs the same adjustment function as a 2-terminal variable
resistor. Available in four end-to-end resistance values (2.5 kΩ,
10 kΩ, 50 kΩ, and 100 kΩ), these low temperature coefficient
devices are ideal for high accuracy and stability-variable
resistance adjustments. The wiper settings are controllable
through the I2C-compatible digital interface. The AD5248 has
extra package address decode pins, AD0 and AD1, allowing
multiple parts to share the same I2C, 2-wire bus on a PCB. The
resistance between the wiper and either endpoint of the fixed
resistor varies linearly with respect to the digital code transferred
into the RDAC latch. (The terms digital potentiometer, VR,
and RDAC are used interchangeably.)
Operating from a 2.7 V to 5.5 V power supply and consuming
less than 6 µA allows the AD5243/AD5248 to be used in
portable battery-operated applications.
For applications that program the AD5243/AD5248 at the
factory, Analog Devices, Inc., offers device programming
software running on Windows® NT/2000/XP operating systems.
This software effectively replaces the need for external I2C
controllers, which in turn enhances the time to market of
systems. An AD5243/AD5248 evaluation kit and software are
available. The kit includes a cable and instruction manual.


Similar Part No. - AD5243

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5243 AD-AD5243 Datasheet
1,012Kb / 20P
Dual 256-Position I2C Compatible Digital Potentiometer
1/04-Revision 0
AD5243BRM10 AD-AD5243BRM10 Datasheet
1,012Kb / 20P
Dual 256-Position I2C Compatible Digital Potentiometer
1/04-Revision 0
AD5243BRM10 AD-AD5243BRM10 Datasheet
803Kb / 20P
Dual, 256-Position, I2C-Compatible Digital Potentiometers
REV. B
AD5243BRM10 AD-AD5243BRM10 Datasheet
834Kb / 20P
Dual, 256-Position, I2C-Compatible Digital Potentiometers
4/16-Rev. B to Rev. C
AD5243BRM10-RL7 AD-AD5243BRM10-RL7 Datasheet
1,012Kb / 20P
Dual 256-Position I2C Compatible Digital Potentiometer
1/04-Revision 0
More results

Similar Description - AD5243

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5241BR10 AD-AD5241BR10 Datasheet
394Kb / 16P
I2C Compatible 256-Position Digital Potentiometers
8/02-Data Sheet changed from REV. A to REV. B.
AD5243 AD-AD5243 Datasheet
1,012Kb / 20P
Dual 256-Position I2C Compatible Digital Potentiometer
1/04-Revision 0
logo
ON Semiconductor
CAT5271 ONSEMI-CAT5271 Datasheet
191Kb / 13P
Dual 256-Position I2C Compatible Digital Potentiometer
September, 2009 ??Rev. 1
logo
Analog Devices
AD5241 AD-AD5241_09 Datasheet
550Kb / 20P
I2C-Compatible, 256-Position Digital Potentiometers
REV. C
AD5243BRMZ100 AD-AD5243BRMZ100 Datasheet
803Kb / 20P
Dual, 256-Position, I2C-Compatible Digital Potentiometers
REV. B
logo
ON Semiconductor
CAT5273 ONSEMI-CAT5273 Datasheet
225Kb / 14P
Dual 256?릔osition I2C Compatible Digital Potentiometers (POTs)
July, 2013 ??Rev. 3
logo
Analog Devices
AD5241 AD-AD5241_15 Datasheet
550Kb / 20P
IC-Compatible, 256-Position Digital Potentiometers
REV. C
AD5242 AD-AD5242_15 Datasheet
550Kb / 20P
IC-Compatible, 256-Position Digital Potentiometers
REV. C
AD5248 AD-AD5248_16 Datasheet
834Kb / 20P
Dual, 256-Position, I2C-Compatible Digital Potentiometers
4/16-Rev. B to Rev. C
AD5251 AD-AD5251 Datasheet
566Kb / 28P
Dual 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
11/2017-Rev. D to Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com