Electronic Components Datasheet Search
  English  ▼

X  

AD5243 Datasheet(PDF) 11 Page - Analog Devices

Part # AD5243
Description  Dual, 256-Position, I2C-Compatible Digital Potentiometers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5243 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD5243 Datasheet HTML 7Page - Analog Devices AD5243 Datasheet HTML 8Page - Analog Devices AD5243 Datasheet HTML 9Page - Analog Devices AD5243 Datasheet HTML 10Page - Analog Devices AD5243 Datasheet HTML 11Page - Analog Devices AD5243 Datasheet HTML 12Page - Analog Devices AD5243 Datasheet HTML 13Page - Analog Devices AD5243 Datasheet HTML 14Page - Analog Devices AD5243 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Data Sheet
AD5243/AD5248
Rev. C | Page 11 of 20
0.01
1
0.1
10
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
DIGITAL INPUT VOLTAGE (V)
TA = 25°C
VDD = 2.7V
VDD = 5.5V
Figure 24. Supply Current vs. Digital Input Voltage
SCL
VW
Figure 25. Digital Feedthrough
VW1
VW2
Figure 26. Digital Crosstalk
VW1
VW2
Figure 27. Analog Crosstalk
VW
Figure 28. Midscale Glitch, Code 0x80 to Code 0x7F
SCL
VW
Figure 29. Large-Signal Settling Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com