Electronic Components Datasheet Search
  English  ▼

X  

AD5243 Datasheet(PDF) 18 Page - Analog Devices

Part # AD5243
Description  Dual, 256-Position, I2C-Compatible Digital Potentiometers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5243 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD5243 Datasheet HTML 12Page - Analog Devices AD5243 Datasheet HTML 13Page - Analog Devices AD5243 Datasheet HTML 14Page - Analog Devices AD5243 Datasheet HTML 15Page - Analog Devices AD5243 Datasheet HTML 16Page - Analog Devices AD5243 Datasheet HTML 17Page - Analog Devices AD5243 Datasheet HTML 18Page - Analog Devices AD5243 Datasheet HTML 19Page - Analog Devices AD5243 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
AD5243/AD5248
Data Sheet
Rev. C | Page 18 of 20
I2C CONTROLLER PROGRAMMING
Write Bit Patterns
SCL
START BY
MASTER
SDA
0
1
1
FRAME 1
SLAVE ADDRESS BYTE
0
1
1
1
1
FRAME 2
INSTRUCTION BYTE
ACK BY
AD5243
R/W
A0
SD
X
X
X
X
1
9
D7
D6
D5
D4
D3
ACK BY
AD5243
FRAME 3
DATA BYTE
1
9
X
STOP BY
MASTER
9
D2
D1
D0
ACK BY
AD5243
X
Figure 45. Writing to the RDAC Register—AD5243
SCL
START BY
MASTER
SDA
0
1
1
FRAME 1
SLAVE ADDRESS BYTE
0
1
1
AD1 AD0
FRAME 2
INSTRUCTION BYTE
ACK BY
AD5248
R/W
A0
SD
X
X
X
X
1
9
D7
D6
D5
D4
D3
ACK BY
AD5248
FRAME 3
DATA BYTE
1
9
X
STOP BY
MASTER
9
D2
D1
D0
ACK BY
AD5248
X
Figure 46. Writing to the RDAC Register—AD5248
Read Bit Patterns
SCL
START BY
MASTER
STOP BY
MASTER
SDA
0
1
1
FRAME 1
SLAVE ADDRESS BYTE
0
1
1
1
1
FRAME 2
RDAC REGISTER
ACK BY
AD5243
R/W
D7
D6
D4
D3
D2
D1
D0
1
9
NO ACK
BY MASTER
9
D5
Figure 47. Reading Data from a Previously Selected RDAC Register in Write Mode—AD5243
SCL
START BY
MASTER
SDA
0
1
1
FRAME 1
SLAVE ADDRESS BYTE
0
1
1
AD1 AD0
FRAME 2
RDAC REGISTER
ACK BY
AD5248
R/W
D7
D6
D4
D3
D2
D1
D0
1
9
9
D5
STOP BY
MASTER
NO ACK
BY MASTER
Figure 48. Reading Data from a Previously Selected RDAC Register in Write Mode—AD5248
Multiple Devices on One Bus (Applies Only to AD5248)
Figure 49 shows four AD5248 devices on the same serial bus.
Each has a different slave address because the states of their
AD0 and AD1 pins are different. This allows each device on the
bus to be written to or read from independently. The master
device output bus line drivers are open-drain pull-downs in a
fully I2C-compatible interface.
SDA
SDA
AD1
AD0
MASTER
SCL
SCL
AD5248
SDA
AD1
AD0
SCL
AD5248
SDA
AD1
AD0
SCL
AD5248
SDA
5V
RP
RP
5V
5V
5V
AD1
AD0
SCL
AD5248
Figure 49. Multiple AD5248 Devices on One I2C Bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com