Electronic Components Datasheet Search
  English  ▼

X  

AD5243 Datasheet(PDF) 15 Page - Analog Devices

Part # AD5243
Description  Dual, 256-Position, I2C-Compatible Digital Potentiometers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5243 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD5243 Datasheet HTML 11Page - Analog Devices AD5243 Datasheet HTML 12Page - Analog Devices AD5243 Datasheet HTML 13Page - Analog Devices AD5243 Datasheet HTML 14Page - Analog Devices AD5243 Datasheet HTML 15Page - Analog Devices AD5243 Datasheet HTML 16Page - Analog Devices AD5243 Datasheet HTML 17Page - Analog Devices AD5243 Datasheet HTML 18Page - Analog Devices AD5243 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
Data Sheet
AD5243/AD5248
Rev. C | Page 15 of 20
CONSTANT BIAS TO RETAIN RESISTANCE SETTING
For users who desire nonvolatility but cannot justify the addi-
tional cost of an EEMEM, the AD5243/AD5248 can be considered
low cost alternatives by maintaining a constant bias to retain the
wiper setting. The AD5243/AD5248 are designed specifically for
low power applications, allowing low power consumption even
in battery-operated systems. The graph in Figure 44 demonstrates
the power consumption from a 3.4 V, 450 mAhr Li-Ion cell phone
battery connected to the AD5243/AD5248. The measurement
over time shows that the device draws approximately 1.3 µA
and consumes negligible power. Over a course of 30 days, the
battery is depleted by less than 2%, the majority of which is due
to the intrinsic leakage current of the battery itself.
DAYS
0
90
92
94
96
5
10
15
98
100
102
104
106
108
110
20
25
30
TA = 25°C
Figure 44. Battery Operating Life Depletion
This demonstrates that constantly biasing the potentiometer
can be a practical approach. Most portable devices do not
require the removal of batteries for the purpose of charging.
Although the resistance setting of the AD5243/AD5248 is lost
when the battery needs replacement, such events occur rather
infrequently such that this inconvenience is justified by the
lower cost and smaller size offered by the AD5243/AD5248. If
total power is lost, the user should be provided with a means to
adjust the setting accordingly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com