Electronic Components Datasheet Search
  English  ▼

X  

AD5293 Datasheet(PDF) 4 Page - Analog Devices

Part # AD5293
Description  Single-Channel, 1024-Position, R-Tolerance Digital Potentiometer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5293 Datasheet(HTML) 4 Page - Analog Devices

  AD5293 Datasheet HTML 1Page - Analog Devices AD5293 Datasheet HTML 2Page - Analog Devices AD5293 Datasheet HTML 3Page - Analog Devices AD5293 Datasheet HTML 4Page - Analog Devices AD5293 Datasheet HTML 5Page - Analog Devices AD5293 Datasheet HTML 6Page - Analog Devices AD5293 Datasheet HTML 7Page - Analog Devices AD5293 Datasheet HTML 8Page - Analog Devices AD5293 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
AD5293
Data Sheet
Rev. E | Page 4 of 24
Parameter
Symbol
Conditions
Min
Typ1
Max
Unit
DYNAMIC CHARACTERISTICS4, 8
Bandwidth
BW
−3 dB
520
kHz
Total Harmonic Distortion
THDW
VA = 1 V rms, VB = 0 V, f = 1 kHz,
−93
dB
VW Settling Time
tS
VA = 30 V, VB = 0 V, ±0.5 LSB error
band, initial code = zero scale
Code = full scale, R-normal mode
750
ns
Code = full scale, R-perf mode
2.5
µs
Code = half scale, R-normal mode
2.5
µs
Code = half scale, R-perf mode
5
µs
Resistor Noise Density
eN_WB
RWB = 10 kΩ, TA = 25°C,
0 kHz to 200 kHz
10
nV/√Hz
1
Typicals represent average readings at 25°C; VDD = +15 V, VSS = −15 V, and VLOGIC = 5 V.
2
Resistor position nonlinearity error. R-INL is the deviation from an ideal value measured between RWB at Code 0x00B to Code 0x3FF or between RWA at Code 0x3F3 to
Code 0x000. R-DNL measures the relative step change from ideal between successive tap positions. The specification is guaranteed in resistor performance mode with
a wiper current of 1 mA for VA < 12 V and 1.2 mA for VA ≥ 12 V.
3
The terms resistor performance mode and R-perf mode are used interchangeably.
4
Guaranteed by design; not subject to production test.
5
INL and DNL are measured at VW with the RDAC configured as a potentiometer divider similar to a voltage output DAC. VA = VDD and VB = 0 V. DNL specification limits
of ±1 LSB maximum are guaranteed monotonic operating conditions.
6
The A, B, and W resistor terminals have no limitations on polarity with respect to each other. Dual-supply operation enables ground-referenced bipolar signal
adjustment.
7
PDISS is calculated from (IDD × VDD) + (ISS × VSS) + (ILOGIC × VLOGIC).
8
All dynamic characteristics use VDD = +15 V, VSS = −15 V, and VLOGIC = 5 V.
RESISTOR PERFORMANCE MODE CODE RANGE—20 kΩ VERSIONS
Table 2.
Resistor
Tolerance
per Code
RAB = 20 kΩ
|VDD − VSS| = 30 V to 33 V
|VDD − VSS| = 26 V to 30 V
|VDD − VSS| = 22 V to 26 V
|VDD − VSS| = 21 V to 22 V
RWB
RWA
RWB
RWA
RWB
RWA
RWB
RWA
1% R-Tolerance
From 0x15E
to 0x3FF
From 0x000
to 0x2A1
From 0x1F4
to 0x3FF
From 0x000
to 0x20B
From 0x1F4
to 0x3FF
From 0x000
to 0x20B
N/A
N/A
2% R-Tolerance
From 0x8C
to 0x3FF
From 0x000
to 0x373
From 0xB4
to 0x3FF
From 0x000
to 0x34B
From 0xFA
to 0x3FF
From 0x000
to 0x305
From 0xFA
to 0x3FF
From 0x000
to 0x305
3% R-Tolerance
From 0x5A
to 0x3FF
From 0x000
to 0x3A5
From 0x64
to 0x3FF
From 0x000
to 0x39B
From 0x78
to 0x3FF
From 0x000
to 0x387
From 0x78
to 0x3FF
From 0x000
to 0x387



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com