Electronic Components Datasheet Search
  English  ▼

X  

AD5293 Datasheet(PDF) 15 Page - Analog Devices

Part # AD5293
Description  Single-Channel, 1024-Position, R-Tolerance Digital Potentiometer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5293 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD5293 Datasheet HTML 11Page - Analog Devices AD5293 Datasheet HTML 12Page - Analog Devices AD5293 Datasheet HTML 13Page - Analog Devices AD5293 Datasheet HTML 14Page - Analog Devices AD5293 Datasheet HTML 15Page - Analog Devices AD5293 Datasheet HTML 16Page - Analog Devices AD5293 Datasheet HTML 17Page - Analog Devices AD5293 Datasheet HTML 18Page - Analog Devices AD5293 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
Data Sheet
AD5293
Rev. E | Page 15 of 24
0
–120
–105
–90
–75
–60
–45
–30
–15
FREQUENCY (Hz)
100
1k
10k
100k
VDD/VSS = ±15V
CODE = HALF SCALE
VIN = 1V rms
Noise BW = 22kHz
50kΩ
20kΩ
100kΩ
Figure 30. Total Harmonic Distortion + Noise (THD + N) vs. Frequency
0
100,000
200,000
300,000
400,000
500,000
600,000
700,000
800,000
900,000
1,000,000
CODE (Decimal)
512
0
128
256
64
32
16
8
20k – 0pF
20k – 75pF
20k – 150pF
20k – 250pF
50k – 0pF
50k – 75pF
50k – 150pF
50k – 250pF
100k – 0pF
100k – 75pF
100k – 150pF
100k – 250pF
Figure 31. Maximum Bandwidth vs. Code vs. Net Capacitance
35
–5
0
5
10
15
20
25
30
TIME (µs)
VWB, CODE: FULL SCALE,
NORMAL MODE
SYNC
VDD/VSS = 30V/0V
VLOGIC = 5V
VA = VDD
VB = VSS
VWB, CODE: HALF-SCALE,
NORMAL MODE
VWB, CODE: HALF-SCALE,
R-PERF MODE
20kΩ
50kΩ
100kΩ
20kΩ
50kΩ
100kΩ
VWB, CODE: FULL SCALE,
R-PERF MODE
Figure 32. Large Signal Settling Time, Code from Zero Scale to Full Scale
–140
–120
–100
–80
–60
–40
–20
0
0.001
0.01
0.1
1
10
AMPLITUDE (V rms)
VDD/VSS = ±15V,
CODE = HALF SCALE
fIN = 1kHz
NOISE BW = 22kHz
50kΩ
20kΩ
100kΩ
Figure 33. Total Harmonic Distortion + Noise (THD + N) vs. Amplitude
8
0
1
2
3
4
5
6
7
0
256
512
768
1023
CODE (Decimal)
VDD/VSS = 30V/0V
VA = VDD
VB = VSS
50kΩ
20kΩ
100kΩ
Figure 34. Theoretical Maximum Current vs. Code
40
32
24
–40
–32
–24
–16
–8
0
8
16
–0.5
0
5
10
15
20
25
30
35
40
45
TIME (µs)
VDD/VSS = ±15V
VA = VDD
VB = VSS
CODE = HALF CODE
Figure 35. Digital Feedthrough



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com