Electronic Components Datasheet Search
  English  ▼

X  

AD5293 Datasheet(PDF) 7 Page - Analog Devices

Part # AD5293
Description  Single-Channel, 1024-Position, R-Tolerance Digital Potentiometer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5293 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD5293 Datasheet HTML 3Page - Analog Devices AD5293 Datasheet HTML 4Page - Analog Devices AD5293 Datasheet HTML 5Page - Analog Devices AD5293 Datasheet HTML 6Page - Analog Devices AD5293 Datasheet HTML 7Page - Analog Devices AD5293 Datasheet HTML 8Page - Analog Devices AD5293 Datasheet HTML 9Page - Analog Devices AD5293 Datasheet HTML 10Page - Analog Devices AD5293 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Data Sheet
AD5293
Rev. E | Page 7 of 24
INTERFACE TIMING SPECIFICATIONS
VDD = VSS = ±15 V, VLOGIC = 2.7 V to 5.5 V, and −40°C < TA < +105°C. All specifications TMIN to TMAX, unless otherwise noted.
Table 5.
Parameter
Limit1
Unit
Test Conditions/Comments
t12
20
ns min
SCLK cycle time
t2
10
ns min
SCLK high time
t3
10
ns min
SCLK low time
t4
10
ns min
SYNC to SCLK falling edge setup time
t5
5
ns min
Data setup time
t6
5
ns min
Data hold time
t7
1
ns min
SCLK falling edge to SYNC rising edge
t8
4003
ns min
Minimum SYNC high time
t9
14
ns min
SYNC rising edge to next SCLK fall ignored
t104
1
ns min
RDY rise to SYNC falling edge
t114
40
ns max
SYNC rise to RDY fall time
t124
2.4
µs max
RDY low time, RDAC register write command execute time (resistor performance mode)
t124
410
ns max
RDY low time, RDAC register write command execute time (normal mode)
t124
1.5
ms max
Software\hardware reset
t134
450
ns max
RDY low time, RDAC register read command execute time
t144
450
ns max
SCLK rising edge to SDO valid
tRESET
20
ns min
Minimum RESET pulse width (asynchronous)
tPOWER-UP5
2
ms max
Power-on time to half scale
1
All input signals are specified with tR = tF = 1 ns/V (10% to 90% of VDD) and timed from a voltage level of (VIL + VIH)/2.
2
Maximum SCLK frequency = 50 MHz.
3
Refer to t12 and t13 for RDAC register commands operations.
4
RPULL_UP = 2.2 kΩ to VLOGIC with a capacitance load of 168 pF.
5
Typical power supply voltage slew-rate of 2 V/ms.
DATA BITS
DB9 (MSB)
DB0 (LSB)
D7
D6
D5
D4
D3
D2
D1
D0
CONTROL BITS
C0
C1
C2
D9
D8
C3
0
0
Figure 2. Shift Register Contents



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com