Electronic Components Datasheet Search
  English  ▼

X  

AD5293 Datasheet(PDF) 14 Page - Analog Devices

Part # AD5293
Description  Single-Channel, 1024-Position, R-Tolerance Digital Potentiometer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5293 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD5293 Datasheet HTML 10Page - Analog Devices AD5293 Datasheet HTML 11Page - Analog Devices AD5293 Datasheet HTML 12Page - Analog Devices AD5293 Datasheet HTML 13Page - Analog Devices AD5293 Datasheet HTML 14Page - Analog Devices AD5293 Datasheet HTML 15Page - Analog Devices AD5293 Datasheet HTML 16Page - Analog Devices AD5293 Datasheet HTML 17Page - Analog Devices AD5293 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
AD5293
Data Sheet
Rev. E | Page 14 of 24
700
600
500
400
300
200
100
0
0
256
512
768
1023
CODE (Decimal)
50kΩ
20kΩ
100kΩ
VDD = 30V,
VSS= 0V
Figure 24. Rheostat Mode Tempco ΔRWB/ΔT vs. Code
0
–50
–45
–40
–35
–30
–25
–20
–15
–10
–5
1M
100k
10k
1k
100
10
FREQUENCY (Hz)
0x200
0x100
0x080
0x040
0x020
0x010
0x008
0x004
0x002
0x001
Figure 25. 20 kΩ Gain vs. Frequency vs. Code
–50
–40
–30
–10
0
10
1M
100k
10k
1k
100
FREQUENCY (Hz)
0x200
0x080
0x020
0x010
0x004
0x002
0x001
–20
–60
0x040
0x008
0x100
Figure 26. 50 kΩ Gain vs. Frequency vs. Code
700
600
500
400
300
200
100
0
0
256
512
768
1023
CODE (Decimal)
VDD = 30V
VSS= 0V
50kΩ
20kΩ
100kΩ
Figure 27. Potentiometer Mode Tempco ΔRWB/ΔT vs. Code
–60
–50
–40
–30
–10
0
10
1M
100k
10k
1k
100
FREQUENCY (Hz)
0x200
0x100
0x080
0x040
0x020
0x010
0x008
0x004
0x002
0x001
–20
–70
Figure 28. 100 kΩ Gain vs. Frequency vs. Code
–70
–60
–50
–40
–30
–20
–10
0
100
1k
10k
FREQUENCY (Hz)
100k
1M
100kΩ
20kΩ
50kΩ
Figure 29. Power Supply Rejection Ratio (PSRR) vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com