Electronic Components Datasheet Search
  English  ▼

X  

AP3105 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AP3105
Description  COST EFFECTIVE GREEN PWM CONTROLLER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3105 Datasheet(HTML) 5 Page - Diodes Incorporated

  AP3105 Datasheet HTML 1Page - Diodes Incorporated AP3105 Datasheet HTML 2Page - Diodes Incorporated AP3105 Datasheet HTML 3Page - Diodes Incorporated AP3105 Datasheet HTML 4Page - Diodes Incorporated AP3105 Datasheet HTML 5Page - Diodes Incorporated AP3105 Datasheet HTML 6Page - Diodes Incorporated AP3105 Datasheet HTML 7Page - Diodes Incorporated AP3105 Datasheet HTML 8Page - Diodes Incorporated AP3105 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
AP3105/V/L/R
Document number: DS36927 Rev. 2 - 2
5 of 13
www.diodes.com
February 2014
© Diodes Incorporated
AP3105/V/L/R
A Product Line of
Diodes Incorporated
Electrical Characteristics (@TA=+25°C, VCC=16V, unless otherwise specified.)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Supply Voltage (VCC Pin)
ISTARTUP
Startup Current
–
2
5
25
µA
ICC
Operating Supply Current
VFB=0V, CL=1nF
0.5
0.85
1.2
mA
VFB=3V, CL=0nF
0.6
1.2
2.0
–
UVLO (on)
–
14.5
15.5
16.5
V
–
VCC Maintain
–
9.7
10.2
10.7
V
–
UVLO (off)
–
7.6
8.6
9.6
V
–
VCC OVP
–
27
28.5
30
V
–
VCC Clamp
ICC=5mA
31
34
–
V
PWM Section/Oscillator Section
–
Maximum Duty Cycle
–
70
75
80
%
–
Oscillation Frequency
–
60
65
70
kHz
–
Green Mode Frequency
–
20
–
30
kHz
–
Frequency Temperature
Stability
-20
oC to +125oC
(Note 2)
–
–
5
%
–
Frequency Voltage Stability
VCC=12V to 30V
–
–
3
%
–
Frequency Dithering
–
±4
±6
±8
%
Current Sense Section (SENSE Pin)
VCS
Maximum SENSE Voltage
VFB=3.6V
0.800
0.850
0.900
V
–
FOCP Voltage
–
1.65
1.8
1.95
V
–
LEB Time of SENSE
–
150
250
350
ns
–
Delay to Output (Note 2)
–
–
100
–
ns
–
Soft-start Time
–
3
5
8
ms
Feedback Input Section (FB Pin)
–
The Ratio of Input Voltage to
Current Sense Voltage
–
2.5
3
3.5
V/V
–
Input Impedance
–
7
10
13
kΩ
–
Source Current
VFB=0V
-0.75
-0.5
-0.25
mA
–
Green Mode Threshold
–
–
2
–
V
–
Input Voltage for Zero Duty
–
1.3
1.55
1.8
V
Output Section (GATE Pin)
–
Output Low Level
IO=20mA, VCC=12V
–
–
1
V
–
Output High Level
IO=20mA, VCC=12V
8
–
–
V
–
Output Clamping
–
11
13
15
V
–
Rising Time (Note 2)
CL=1nF, VCC=13V
–
150
250
ns
–
Falling Time (Note 2)
CL=1nF, VCC=13V
–
50
100
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com