Electronic Components Datasheet Search
  English  ▼

X  

AP3105 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP3105
Description  COST EFFECTIVE GREEN PWM CONTROLLER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3105 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP3105 Datasheet HTML 1Page - Diodes Incorporated AP3105 Datasheet HTML 2Page - Diodes Incorporated AP3105 Datasheet HTML 3Page - Diodes Incorporated AP3105 Datasheet HTML 4Page - Diodes Incorporated AP3105 Datasheet HTML 5Page - Diodes Incorporated AP3105 Datasheet HTML 6Page - Diodes Incorporated AP3105 Datasheet HTML 7Page - Diodes Incorporated AP3105 Datasheet HTML 8Page - Diodes Incorporated AP3105 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
AP3105/V/L/R
Document number: DS36927 Rev. 2 - 2
1 of 13
www.diodes.com
February 2014
© Diodes Incorporated
AP3105/V/L/R
A Product Line of
Diodes Incorporated
COST EFFECTIVE GREEN PWM CONTROLLER
Description
The AP3105/V/L/R is a low startup current, current mode PWM
controller with green-mode power-saving operation. The PWM
switching frequency at normal operation is set with 65kHz typically
and the dithering of frequency will also improve the EMI feature.
When the load decreases, the frequency will reduce and when at a
very low load, the IC will enter the
„burst mode‟ to minimize switching
loss.
About 20kHz frequency switching is to avoid the audible noise as well
as reducing the standby loss. The skip mode point can be adjusted
through the external resistor connected to the current sense resistor.
The AP3105/V/L/R features a lot of functions such as the Leading-
Edge
Blanking
(LEB)
of
the current
sensing,
internal
slope
compensation and several protection functions including cycle-by-
cycle current limit (OCP), VCC Over Voltage Protection (VOVP), OTP
and OLP protection. The versatile latch function can be set by the
customer through few components.
This IC is available in SOT-23-6 package.
Features
Very Low Start-up Current
Current Mode Control
Non-audible-noise Green-mode Control
Skip Mode Adjustable
Internal Slope Compensation
Soft Start During Startup Process
Frequency Fold Back for High Average Efficiency
Secondary Short Winding Protection with FOCP
Soft Switching for Reducing EMI
VCC Maintain Mode
Latch Function for OTP/OVP
Useful Pin Fault Protection:
SENSE Pin Floating
CTRL Pin Short to Ground
FB/Opto-coupler Open/Short
Comprehensive System Protection Feature:
VCC Over Voltage Protection (VOVP)
Over Load Protection (OLP)
Mini Size with Packages
Pin to Pin Compatible with AP3103
Pin Assignments
(Top View)
SOT-23-6 (K Package)
Applications
Switching AC-DC Adapter/Charger
ATX/BTX Auxiliary Power
Set-top Box(STB) Power Supply
Open Frame Switching Power Supply
1
2
3
4
5
Pin 1 Mark
6
GND
FB
CTRL
GATE
VCC
SENSE


Similar Part No. - AP3105

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP3105D DIODES-AP3105D Datasheet
368Kb / 13P
COST EFFECTIVE GREEN PWM CONTROLLER
February 2014 Rev. 2 - 2
AP3105DKTR-G1 DIODES-AP3105DKTR-G1 Datasheet
368Kb / 13P
COST EFFECTIVE GREEN PWM CONTROLLER
February 2014 Rev. 2 - 2
AP3105NA DIODES-AP3105NA Datasheet
347Kb / 13P
COST EFFECTIVE GREEN PWM CONTROLLER
Rev 1
AP3105NAKTR-G1 DIODES-AP3105NAKTR-G1 Datasheet
347Kb / 13P
COST EFFECTIVE GREEN PWM CONTROLLER
Rev 1
AP3105NL DIODES-AP3105NL Datasheet
347Kb / 13P
COST EFFECTIVE GREEN PWM CONTROLLER
Rev 1
More results

Similar Description - AP3105

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1607 ONSEMI-NCP1607 Datasheet
261Kb / 23P
Cost Effective Power Factor Controller
April, 2009 ??Rev. 1
logo
BCD Semiconductor Manuf...
AP3103 BCDSEMI-AP3103 Datasheet
797Kb / 14P
VERSATILE COST EFFECTIVE GREEN PWM CONTROLLER
logo
Diodes Incorporated
AP3103A DIODES-AP3103A Datasheet
408Kb / 12P
COST EFFECTIVE GREEN PWM CONTROLLER
Rev 2
logo
ON Semiconductor
NCP1607 ONSEMI-NCP1607_15 Datasheet
181Kb / 23P
Cost Effective Power Factor Controller
July, 2015 ??Rev. 2
NCP1607BOOSTGEVB ONSEMI-NCP1607BOOSTGEVB Datasheet
181Kb / 23P
Cost Effective Power Factor Controller
July, 2015 ??Rev. 2
logo
Diodes Incorporated
AP3105NA DIODES-AP3105NA Datasheet
347Kb / 13P
COST EFFECTIVE GREEN PWM CONTROLLER
Rev 1
logo
Excelliance MOS Corp.
EM8931 EXCELLIANCE-EM8931 Datasheet
256Kb / 10P
Cost Effective PWM Forward Controller
logo
SIFIRST TECHNOLOGIES NA...
SF1585 SIFIRST-SF1585 Datasheet
63Kb / 2P
Cost Effective, High Power, 管-BalanceTM PWM Controller
logo
List of Unclassifed Man...
OB3350 ETC2-OB3350 Datasheet
464Kb / 10P
Cost Effective LED Controller
logo
Diodes Incorporated
AP3105D DIODES-AP3105D Datasheet
368Kb / 13P
COST EFFECTIVE GREEN PWM CONTROLLER
February 2014 Rev. 2 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com