Electronic Components Datasheet Search
  English  ▼

X  

AP3105 Datasheet(PDF) 10 Page - Diodes Incorporated

Part # AP3105
Description  COST EFFECTIVE GREEN PWM CONTROLLER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3105 Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button AP3105 Datasheet HTML 5Page - Diodes Incorporated AP3105 Datasheet HTML 6Page - Diodes Incorporated AP3105 Datasheet HTML 7Page - Diodes Incorporated AP3105 Datasheet HTML 8Page - Diodes Incorporated AP3105 Datasheet HTML 9Page - Diodes Incorporated AP3105 Datasheet HTML 10Page - Diodes Incorporated AP3105 Datasheet HTML 11Page - Diodes Incorporated AP3105 Datasheet HTML 12Page - Diodes Incorporated AP3105 Datasheet HTML 13Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
AP3105/V/L/R
Document number: DS36927 Rev. 2 - 2
10 of 13
www.diodes.com
February 2014
© Diodes Incorporated
AP3105/V/L/R
A Product Line of
Diodes Incorporated
Ordering Information
AP3105X X XX - XX
Packing
Product Version
TR : Tape & Reel
V: AP3105V
G1 : Green
Product Name
RoHS/Green
Package
K : SOT-23-6
Blank: AP3105
L: AP3105L
R: AP3105R
Diodes IC‟s Pb-free products with "G1" suffix in the part number, are RoHS compliant and green.
Package
Part Number
Marking ID
Packing Type
SOT-23-6
AP3105KTR-G1
GHN
Tape & Reel
AP3105VKTR-G1
GHO
Tape & Reel
AP3105LKTR-G1
GHP
Tape & Reel
AP3105RKTR-G1
GHQ
Tape & Reel
*Product Version Classification (with Different Protection Functions)
Product Version
Frequency
VOVP
OLP&SOCP
CTRL (Low)
CTRL (High)
AP3105
65kHz
Auto-Recoverable
Auto-Recoverable
Latch
Auto-Recoverable
AP3105V
65kHz
Latch
Auto-Recoverable
Latch
Latch
AP3105L
65kHz
Latch
Latch
Latch
Latch
AP3105R
65kHz
Auto-Recoverable
Auto-Recoverable
Auto-Recoverable
Latch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com