Electronic Components Datasheet Search
  English  ▼

X  

AP3105 Datasheet(PDF) 11 Page - Diodes Incorporated

Part # AP3105
Description  COST EFFECTIVE GREEN PWM CONTROLLER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3105 Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button AP3105 Datasheet HTML 5Page - Diodes Incorporated AP3105 Datasheet HTML 6Page - Diodes Incorporated AP3105 Datasheet HTML 7Page - Diodes Incorporated AP3105 Datasheet HTML 8Page - Diodes Incorporated AP3105 Datasheet HTML 9Page - Diodes Incorporated AP3105 Datasheet HTML 10Page - Diodes Incorporated AP3105 Datasheet HTML 11Page - Diodes Incorporated AP3105 Datasheet HTML 12Page - Diodes Incorporated AP3105 Datasheet HTML 13Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
AP3105/V/L/R
Document number: DS36927 Rev. 2 - 2
11 of 13
www.diodes.com
February 2014
© Diodes Incorporated
AP3105/V/L/R
A Product Line of
Diodes Incorporated
Package Outline Dimensions (All dimensions in mm(inch).)
(1)
Package Type: SOT-23-6
2.820(0.111)
3.100(0.122)
0.950(0.037)TYP
1.800(0.071)
2.000(0.079)
0.300(0.012)
0.500(0.020)
0.700(0.028)REF
0.100(0.004)
0.200(0.008)
0°
8°
0.200(0.008)
0.300(0.012)
0.600(0.024)
0.000(0.000)
0.150(0.006)
0.900(0.035)
1.300(0.051)
1.450(0.057)
MAX
1
2
3
4
5
6
Pin 1 Mark



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com